Electronic Components Datasheet Search
  English  ▼

X  

AD5306 Datasheet(PDF) 14 Page - Analog Devices

Part # AD5306
Description  2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5306 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5306 Datasheet HTML 10Page - Analog Devices AD5306 Datasheet HTML 11Page - Analog Devices AD5306 Datasheet HTML 12Page - Analog Devices AD5306 Datasheet HTML 13Page - Analog Devices AD5306 Datasheet HTML 14Page - Analog Devices AD5306 Datasheet HTML 15Page - Analog Devices AD5306 Datasheet HTML 16Page - Analog Devices AD5306 Datasheet HTML 17Page - Analog Devices AD5306 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD5305/AD5315/AD5325
Rev. G | Page 14 of 24
DEAD BAND CODES
AMPLIFIER
FOOTROOM
(1mV)
NEGATIVE
OFFSET
ERROR
ACTUAL
IDEAL
DAC CODE
NEGATIVE
OFFSET
ERROR
OUTPUT
VOLTAGE
GAIN ERROR
PLUS
OFFSET ERROR
Figure 27. Transfer Function with Negative Offset
DAC CODE
ACTUAL
IDEAL
OUTPUT
VOLTAGE
POSITIVE
OFFSET
GAIN ERROR
PLUS
OFFSET ERROR
Figure 28. Transfer Function with Positive Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com