Electronic Components Datasheet Search
  English  ▼

X  

BAS16W-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS16W-TP
Description  High Speed Switching Diode 350mW
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS16W-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS16W-TP Datasheet HTML 1Page - Micro Commercial Components BAS16W-TP Datasheet HTML 2Page - Micro Commercial Components BAS16W-TP Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
-----
.053
-----
1.35
E
.012
.031
0.30
.78
G
.006
-----
0.15
-----
H
-----
.01
-----
.25
J
-----
.006
-----
.15
Features
Fast Switching Speed
Surface Mount Package Ideally Suited for Automatic Insertion
For General Purpose Switching Applications
Polarity: Indicated by Cathode Band
Maximum Ratings @ 25
oC Unless Otherwise Specified
Characteristic
Symbol
Value
Unit
Non-Repetitive Peak Reverse Volt.
VRM
85
V
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
75
V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
53
V
Forward Continuous Current(Note1)
IFM
200
mA
Average Rectified Output Current
Io
100
mA
Non-Repetitive Peak @ t<=1.0s
Forward Surge Current @ t=10us
IFSM
2
1
A
A
Power Dissipation(Note 1)
Pd
350
mW
Thermal Resistance(Note 1)
R
315
K/W
Operation/Storage Temp. Range
Tj, TSTG
-55 to +150
o
C
BAS16W
High Speed
Switching Diode
350mW
0.036”
0.093"
0.048”
SUGGESTED SOLDER
PAD LAYOUT
A
B
E
C
J
D
H
G
SOD123
Electrical Characteristics @ 25
oC Unless Otherwise Specified
0.715
IF=1.0mA
Maximum Forward
VFM
0.855
V
IF=10mA
Voltage Drop
1
IF=50mA
1.25
IF=150mA
Maximum Peak
IRM
1.0
uA VR=75V Tj=25
o
C
Reverse Current
50
uA VR=75V Tj=150
o
C
Junction Capacitance
Cj
2
p F VR=0V, f=1.0MHz
Reverse Recovery Time
trr
6ns
IF=IR=10mA, Irr=0.1IR,
R L=100 OHM
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
High Conductance
TM
Micro Commercial Components
1 of 3
Lead Free Finish/RoHS Compliant ("P" Suffix
designates RoHS Compliant. See ordering information)
Notes:
1.
Valid provided that terminals are kept at ambient temperature
Revision: B
2013/01/01
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Marking: A6/T4
Mechanical Data
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - BAS16W-TP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS16W-T1 WTE-BAS16W-T1 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
BAS16W-T1 WTE-BAS16W-T1 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAS16W-T1 WTE-BAS16W-T1 Datasheet
97Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
April, 2012
BAS16W-T3 WTE-BAS16W-T3 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS16W-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W Datasheet
95Kb / 2P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX Datasheet
97Kb / 2P
High Speed Switching Diode 350mW
logo
Shanghai Lunsure Electr...
BAS16W CHENYI-BAS16W Datasheet
64Kb / 2P
High Speed Switching Diode 350mW
BAS16WX CHENYI-BAS16WX Datasheet
59Kb / 2P
High Speed Switching Diode 350mW
logo
Micro Commercial Compon...
BAS16W MCC-BAS16W_11 Datasheet
175Kb / 3P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_11 Datasheet
212Kb / 3P
High Speed Switching Diode 350mW
BAS16W MCC-BAS16W_13 Datasheet
225Kb / 3P
High Speed Switching Diode 350mW
BAS16WX MCC-BAS16WX_13 Datasheet
251Kb / 3P
High Speed Switching Diode 350mW
logo
Taiwan Semiconductor Co...
TS4448RW TSC-TS4448RW_15 Datasheet
223Kb / 4P
350mW High Speed SMD Switching Diode
logo
Micro Commercial Compon...
BAS16WXH MCC-BAS16WXH Datasheet
335Kb / 3P
High Speed Switching Diode 350mW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com