Electronic Components Datasheet Search
  English  ▼

X  

BAS40-06-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS40-06-TP
Description  Surface Mount Schottky Barrier Diode 200 mWatt
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS40-06-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS40-06-TP Datasheet HTML 1Page - Micro Commercial Components BAS40-06-TP Datasheet HTML 2Page - Micro Commercial Components BAS40-06-TP Datasheet HTML 3Page - Micro Commercial Components BAS40-06-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
SOT-23 Package For surface mount application
Protects from line to VCC and line to ground
Low forward voltage and reverse recovery characteristics
Bidirectional-low-forward available with “ -04” suffix (Figure 2)
Tape & Reel EIA Standard 481.
Mechanical Data
Mounting Position: Any
Weight: .008 grams (approx.)
MAXIMUM RATINGS
Operating Temperature: -55
oC to +125oC
Storage Temperature: -55
oC to +150oC
Power Dissipation: 200 mWatts @ Tamb=25
oC
Forward Continuous Current:
Surge Forward Current: 600mA @ tp<1s, Tamb=25
oC
DESCRIPTION
Various configurations of Schottky barrier’ s diodes in SOT-23
package are provided for general-purpose use in high-speed
switching ,mixers and detector applications. They may also be
used for signal integrity and counteract the transmission-line
effects with (PC) board trances by clamping over/and undershoot
from signal reflections with the schottky-low-threshold voltages.
This type of termination also does not depend on matching
the transmission line characteristic impedance, making it
particularly useful where line impendance is unknown or a
variable. This methode of termination can control distortions of
clock, data, address, and control lines as well as provides a
stabilizing effect on signal jitter. It can also significantly reduce
power consumption compared to standard resistor-based
termination methods.
BAS40
THRU
BAS70
Surface Mount
Schottky Barrier Diode
200 mWatt
Suggested Solder
Pad Layout
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
K
A
B
C
D
E
F
G
H
J
SOT-23
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
www.mccsemi.com
Revision:
B
20
13/01/01
TM
Micro Commercial Components
1 of 4
@
IFM
BAS40
=200mA
Ta =25
o
C
@
IFM
BAS70
=70mA
Ta =25
o
C
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
B
.083
.104
2.10
2.64
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - BAS40-06-TP

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
BAS40-06-200MA-SOT-23 DGNJDZ-BAS40-06-200MA-SOT-23 Datasheet
338Kb / 2P
SOT-23 Plastic-Encapsulate Diodes
logo
Diodes Incorporated
BAS40-06-7 DIODES-BAS40-06-7 Datasheet
155Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 12 - 2
BAS40-06-7 DIODES-BAS40-06-7 Datasheet
100Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev 22
BAS40-06-7-F DIODES-BAS40-06-7-F Datasheet
257Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 19 - 2
BAS40-06-7-F DIODES-BAS40-06-7-F Datasheet
123Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS11006 Rev. 21 - 2
More results

Similar Description - BAS40-06-TP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
BAS40 MCC-BAS40 Datasheet
272Kb / 4P
Surface Mount Schottky Barrier Diode 200 mWatt
BAS40 MCC-BAS40_13 Datasheet
294Kb / 4P
Surface Mount Schottky Barrier Diode 200 mWatt Tape & Reel EIA Standard 481.
1SS294 MCC-1SS294_13 Datasheet
265Kb / 2P
Surface Mount Schottky Barrier Diode 150 mWatt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com