Electronic Components Datasheet Search
  English  ▼

X  

ES1B-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # ES1B-TP
Description  1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ES1B-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  ES1B-TP Datasheet HTML 1Page - Micro Commercial Components ES1B-TP Datasheet HTML 2Page - Micro Commercial Components ES1B-TP Datasheet HTML 3Page - Micro Commercial Components ES1B-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ES1A
THRU
ES1M
1 Amp Ultra Fast
Recovery
Silicon Rectifier
50 to 1000 Volts
Features
High Temp Soldering: 260 C for 10 Seconds At Terminals
Superfast Recovery Times For High Efficiency
Maximum Ratings
Operating Temperature: -50 C to +150 C
Storage Temperature: -50 C to +150 C
Maximum Thermal Resistance; 15 C/W Junction To Lead
MCC
Part
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
ES1A
ES1A
50V
35V
50V
ES1B
ES1B
100V
70V
100V
ES1C
ES1C
150V
105V
150V
ES1D
ES1D
200V
140V
200V
ES1G
ES1G
400V
280V
400V
ES1J
ES1J
600V
420V
600V
ES1K
ES1K
800V
560V
800V
ES1M
ES1M
1000V
700V
1000V
Electrical Characteristics @ 25 C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
Ta = 75 C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ES1A-D
ES1G-J
ES1K~M
VF
.9
75V
1.35V
1.70V
IFM = 1.0A;
TJ = 25 C*
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5 A
100 A
TJ = 25 C
TJ = 100 C
Maximum Reverse
Recovery Time
ES1A-D
ES1G-K
ES1M
Trr
50ns
75ns
100ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
45pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 200 sec, Duty cycle 2%
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.096
1.65
2.45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
DO-214AC
(HSMA) (High Profile)
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
13/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1. High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating
NOT RECOMMENDED FOR NEW DESIGNS
USE ES1A-LTP~ES1J-LTP SERIES
•
Halogen free available upon request by adding suffix "-HF"


Similar Part No. - ES1B-TP

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
ES1B-T1 WTE-ES1B-T1 Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1B-T3 WTE-ES1B-T3 Datasheet
51Kb / 3P
1.0A SURFACE MOUNT SUPER FAST RECTIFIER
ES1B-T3 WTE-ES1B-T3 Datasheet
54Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
ES1B-T3 WTE-ES1B-T3 Datasheet
52Kb / 4P
1.0A SURFACE MOUNT GLASS PASSIVATED SUPERFAST DIODE
September, 2012
More results

Similar Description - ES1B-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
FR1A MCC-FR1A Datasheet
622Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001 Datasheet
371Kb / 2P
1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UF4001 MCC-UF4001_11 Datasheet
231Kb / 3P
1 Amp Ultra Fast Recovery Rectifier 50 to 1000 Volts
UFM11PL MCC-UFM11PL Datasheet
249Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1A MCC-ES1A_13 Datasheet
305Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM16PL-TP MCC-UFM16PL-TP Datasheet
303Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
UFM13PL-TP MCC-UFM13PL-TP Datasheet
304Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ER1A MCC-ER1A_13 Datasheet
203Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
ES1AE MCC-ES1AE_14 Datasheet
375Kb / 4P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Shanghai Leiditech Elec...
ER1A LEIDITECH-ER1A Datasheet
628Kb / 3P
1 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com