Electronic Components Datasheet Search
  English  ▼

X  

TTDLF2000L Datasheet(PDF) 2 Page - Coilcraft lnc.

Part # TTDLF2000L
Description  SMT Data Line EMI Filters ??TTDLF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

TTDLF2000L Datasheet(HTML) 2 Page - Coilcraft lnc.

  TTDLF2000L Datasheet HTML 1Page - Coilcraft lnc. TTDLF2000L Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2013
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check web site for latest information.
Surface Mount Data Line EMI Filters
Document 123-2
Document 123-2 Revised 10/15/09
0.155
3,94
max
0.198
5,03
max
1
8
4
5
0.320
8,13
max
0.030
0,76
0.050
1,27
cen
0.050
1,27
0.008
0,20
typ
ref
0.200
5,08
0.050
1,27
cen
0.030
0,76
0.060
1,52
Recommended
Land Pattern
8
1
72
63
54
0.200
5,08
8
1
7
2
6
3
5
4
TTDLF 4000, 4500
8
1
7
2
6
3
5
4
TTDLF 3000, 3500
8
1
7
2
6
3
5
4
TTDLF 2000, 2500
TTDLF 4x00, 3x00, 2x00
TTDLF 10000
0.320
8,13
max
0.500
12,70
0.150
3,81
max
max
1
20
10
10
11
11
0.050
1,27
0.050
1,27
cen
cen
0.030
0,76
0.030
0,76
0.050
1,27
0.060
1,52
Recommended
Land Pattern
0.200
5,08
0.200
5,08
1
20
10
11
9
12
8
13
7
14
6
15
5
16
4
17
3
18
2
19
1
20
Packaging 500/7
″reel; 2200/13″ reel; Plastic tape: 16 mm wide,
0.3mm thick, 8 mm pocket spacing, 3.8 mm pocket depth
Dimensions are in
inches
mm
Packaging 1000/13
″ reel; Plastic tape: 24 mm wide, 0.3 mm thick,
12 mm pocket spacing, 3.94 mm pocket depth
Dimensions are in
inches
mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com