Electronic Components Datasheet Search
  English  ▼

X  

TO-200AB Datasheet(PDF) 9 Page - Vishay Siliconix

Part # TO-200AB
Description  Inverter Grade Thyristors (Hockey PUK Version), 720 A
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TO-200AB Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button TO-200AB Datasheet HTML 2Page - Vishay Siliconix TO-200AB Datasheet HTML 3Page - Vishay Siliconix TO-200AB Datasheet HTML 4Page - Vishay Siliconix TO-200AB Datasheet HTML 5Page - Vishay Siliconix TO-200AB Datasheet HTML 6Page - Vishay Siliconix TO-200AB Datasheet HTML 7Page - Vishay Siliconix TO-200AB Datasheet HTML 8Page - Vishay Siliconix TO-200AB Datasheet HTML 9Page - Vishay Siliconix TO-200AB Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Document Number: 95075
For technical questions, contact: indmodules@vishay.com
www.vishay.com
Revision: 01-Aug-07
1
TO-200AB (E-PUK)
Outline Dimensions
Vishay Semiconductors
DIMENSIONS in millimeters (inches)
4.75 (0.19)
28 (1.10)
6.5 (0.26)
0.3 (0.01) MIN.
0.3 (0.01) MIN.
25.3 (0.99)
DIA. MAX.
14.1/15.1
(0.56/0.59)
25° ± 5°
25.3 (0.99)
DIA. MAX.
40.5 (1.59) DIA. MAX.
42 (1.65) MAX.
Anode to gate
Creepage distance: 11.18 (0.44) minimum
Strike distance: 7.62 (0.30) minimum
Quote between upper and lower pole pieces has to be considered after
application of mounting force (see thermal and mechanical specification)
Gate terminal for
1.47 (0.06) DIA.
pin receptacle
2 holes 3.56 (0.14) x 1.83 (0.07) minimum deep



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com