Electronic Components Datasheet Search
  English  ▼

X  

P16 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P16
Description  Knob Potentiometer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P16 Datasheet(HTML) 3 Page - Vishay Siliconix

  P16 Datasheet HTML 1Page - Vishay Siliconix P16 Datasheet HTML 2Page - Vishay Siliconix P16 Datasheet HTML 3Page - Vishay Siliconix P16 Datasheet HTML 4Page - Vishay Siliconix P16 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P16, PA16
Knob Potentiometer
Vishay Sfernice
Document Number: 51036
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 19-Mar-12
See also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL SPECIFICATIONS
Mechanical Travel
300° ± 5°
Operating Torque
2 Ncm typical
End Stop Torque
25 Ncm maximum
Max. Tightening Torque of Mounting Nut
250 Ncm maximum
Unit Weight
4.5 g typical
ENVIRONMENTAL SPECIFICATIONS
Metallic Knob
Plastic Knob
Temperature Range
- 40 °C to 125 °C
- 40 °C to 85 °C
Climatic Category
40/100/56
40/85/56
Sealing
Sealed container and panel sealed
Protection Grades
IP67
MARKING
 Ohmic value code, tolerance code and taper
 Manufacturing date code
PACKAGING
 Carton box of 20 pieces
CONTROL KNOB
Black metallic knob (NM).
Black plastic knob (NP).
For white and blue color see ordering information.
Other dimensions, shapes, colors of control knobs are
manufactured on request - please consult Vishay.
Other reference marks (shapes, colors) and legends can be
printed on plastic knob on request - please consult Vishay.
P16 STANDARD RESISTANCE ELEMENT DATA
STAN-
DARD
RESIS-
TANCE
VALUES
LINEAR TAPER
LOG TAPER
MAX.
POWER
AT
40 °C
MAX.
VOLTAGE
MAX.
CUR.
THROUG
H WIPER
MAX.
POWER
AT
40 °C
MAX.
VOLTAGE
MAX.
CUR.
THROUG
H WIPER
WV
mA
WV
mA
22
47
100
220
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
2.2M
4.7M
10M
1
1
1
1
1
1
1
1
1
1
1
1
0.56
0.26
0.12
0.05
0.02
0.01
4.69
6.85
10
14.8
21.7
31.6
46.9
68.5
100
148
217
316
350
350
350
350
350
350
213
146
100
67.4
46.1
31.6
21.3
14.6
10
6.74
4.61
3.16
1.59
0.75
0.35
0.16
0.07
0.012
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.26
0.12
0.056
7.1
10.5
15.3
22.4
33.2
48.5
70.7
105
153
224
332
350
350
350
71
48
32.6
22.4
15.1
10.3
7.07
4.77
3.26
2.24
1.51
0.74
0.35
0.16
PA16 STANDARD RESISTANCE ELEMENT DATA
STAN-
DARD
RESIS-
TANCE
VALUES
LINEAR TAPER
LOG TAPER
MAX.
POWER
AT
40 °C
MAX.
VOLTAGE
MAX. CUR.
THROUGH
WIPER
MAX.
POWER
AT
70 °C
MAX.
VOLTAGE
MAX. CUR.
THROUGH
WIPER
W
V
mA
W
V
mA
470
1K
2.2K
4.7K
10K
22K
47K
100K
220K
470K
1M
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.26
0.12
22.4
33.2
48.5
70.7
105
153
224
332
350
350
22.4
15.1
10.3
7.07
4.77
3.26
2.24
1.51
0.74
0.35
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
10.8
15.8
23.5
34.3
50.0
74
108
158
235
343
23.1
16
11
7
5.0
3.4
2.3
1.6
1.1
0.7



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com