Electronic Components Datasheet Search
  English  ▼

X  

DSERIENT Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DSERIENT
Description  D Series Narrow Tolerance
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DSERIENT Datasheet(HTML) 3 Page - Vishay Siliconix

  DSERIENT Datasheet HTML 1Page - Vishay Siliconix DSERIENT Datasheet HTML 2Page - Vishay Siliconix DSERIENT Datasheet HTML 3Page - Vishay Siliconix DSERIENT Datasheet HTML 4Page - Vishay Siliconix DSERIENT Datasheet HTML 5Page - Vishay Siliconix DSERIENT Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28512
36
Revision: 07-Jan-10
D Series Narrow Tolerance
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1, 100 VDC, Narrow Tolerance
Note
(1) SH = seated height; DR = run down
• 1. Maximum thickness 3.5 mm
• Lead style codes refer to inward kinked leads and straight leads
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
C (PF)
TOL. (%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 1 N 750
100
± 2
7.5
5.0
4.0
D101G29U2JH6.J5R
2.5
1.5
D101G29U2JH6.L2R
150
8.5
5.0
4.0
D151G33U2JH6.J5R
2.5
1.5
D151G33U2JH6.L2R
220
10
5.0
4.0
D221G39U2JH6.J5R
2.5
1.5
D221G39U2JH6.L2R
330
12
5.0
4.0
D331G47U2JH6.J5R
2.5
1.5
D331G47U2JH6.L2R
PACKAGING
DMAX.
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
5.0 (0.20")
20
1000
2500
2000
6.5 (0.25")
25
7.5 (0.29")
29
8.5 (0.33")
33
10.0 (0.39")
39
11.0 (0.43")
43
12.0 (0.47")
47
ORDERING INFORMATION, CLASS 1, 100 VDC, KINKED AND STRAIGHT
ΔP
ΔP
Δh
Δh
D
P
2
P
P
1
P
0
D
0
H1
H
0
Direction of unreeling
Ø d
F
W
2
W
1
t
1
W
0
W
e
A
Kinked capacitors on tape, lead spacing 5.0 mm (0.2")
detail A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com