Electronic Components Datasheet Search
  English  ▼

X  

HR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # HR
Description  HIGH VALUE SURFACE MOUNTED RESISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

HR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  HR Datasheet HTML 1Page - List of Unclassifed Manufacturers HR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Value Surface
Mounted Resistors
HR Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
11. 11
· Custom designs / sizes available
· Resistance range to 50G ohms
· Terminations available for wire bonding or soldering
· Low voltage coefficient of resistance
Electrical Data
Power Rating
The high resistance value of these devices is such that power dissipation is always small. The rating is therefore determined by
voltage considerations only, as shown in the table below.
0503
0805
1005
1206
Notes
s
tl
o
v
0
1
t
a
d
e
r
u
s
a
e
M
G
0
5
o
t
M
0
0
1
G
0
2
o
t
M
0
1
s
m
h
o
*
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
Limiting element voltage
volts
50
100
150
200
5
5
1
+
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
s
tl
o
v
0
1
t
a
d
e
r
u
s
a
e
M
0
0
0
1
-
o
t
0
0
0
5
1
-
o
t
0
0
0
0
2
-
o
t
0
0
0
5
2
-
o
t
0
C
°
/
m
p
p
R
C
T
Resistance tolerance
%
10M to 500M:10
100M to 1G:5,10
> 1G to 50G:25, 50
>500M : 25, 50
High Value Surface
Mounted Resistors
HR Series
Custom designs / sizes available
Resistance range to 50G ohms
Terminations available for wire bonding
or soldering
Low voltage coefficient of resistance
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
20
Dimensions (mm) & Weight (g)
Wrap around
Planar
Style
L
W
T max.
A
B†
C
Wt
0503
1.25 ± 0.2 0.63 ± 0.15
0.5
Not available
0.2 ± 0.1
0.005
0805
2.0 ± 0.3
1.25 ± 0.2
0.6
0.3 ± 0.15
0.9min
0.3 ± 0.1
0.009
1005
2.5 ± 0.3
1.25 ± 0.2
0.7
Not available
0.4 ± 0.15
0.015
1206
3.2 ± 0.4
1.6 ± 0.2
0.7
0.4 ± 0.2
1.7min
0.4 ± 0.15
0.020
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
T
W
L
Planar terminations
C
C
Construction
The resistor material is screen printed onto a 96% alumina
substrate and covered with a protection comprising of a glaze
followed by an organic coating. This construction gives an
insulated device.
Marking
All relevant information is recorded on the primary package
or reel.
Terminations
Planar (or single-sided) termination is gold and suitable for
wire-bonding; wrap around is suitable for soldering.
Solderability
Wrap-around terminations on HR resistors have good ‘leach’
resistance properties. They will withstand immersion in solder
at 260°C for 30 seconds.
Alternative styles for
surface mounting
resistors
*Higher values available, consult factory for details
Physical Data
†
This dimension determines the number of conductors which may pass under the surface mounted device.
Electrical Data
Power Rating
The high resistance value of these devices is such that power dissipation is always small. The rating is therefore determined by
voltage considerations only, as shown in the table below.
0503
0805
1005
1206
Notes
s
tl
o
v
0
1
t
a
d
e
r
u
s
a
e
M
G
0
5
o
t
M
0
0
1
G
0
2
o
t
M
0
1
s
m
h
o
*
e
g
n
a
r
e
c
n
a
t
s
i
s
e
R
Limiting element voltage
volts
50
100
150
200
5
5
1
+
o
t
5
5
-
C
°
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
A
s
tl
o
v
0
1
t
a
d
e
r
u
s
a
e
M
0
0
0
1
-
o
t
0
0
0
5
1
-
o
t
0
0
0
0
2
-
o
t
0
0
0
5
2
-
o
t
0
C
°
/
m
p
p
R
C
T
Resistance tolerance
%
10M to 500M:10
100M to 1G:5,10
> 1G to 50G:25, 50
>500M : 25, 50
High Value Surface
Mounted Resistors
HR Series
Custom designs / sizes available
Resistance range to 50G ohms
Terminations available for wire bonding
or soldering
Low voltage coefficient of resistance
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
20
Dimensions (mm) & Weight (g)
Wrap around
Planar
Style
L
W
T max.
A
B†
C
Wt
0503
1.25 ± 0.2 0.63 ± 0.15
0.5
Not available
0.2 ± 0.1
0.005
0805
2.0 ± 0.3
1.25 ± 0.2
0.6
0.3 ± 0.15
0.9min
0.3 ± 0.1
0.009
1005
2.5 ± 0.3
1.25 ± 0.2
0.7
Not available
0.4 ± 0.15
0.015
1206
3.2 ± 0.4
1.6 ± 0.2
0.7
0.4 ± 0.2
1.7min
0.4 ± 0.15
0.020
T
W
A
A
B
L
Wrap-around terminations
(3 faces)
T
W
L
Planar terminations
C
C
Construction
The resistor material is screen printed onto a 96% alumina
substrate and covered with a protection comprising of a glaze
followed by an organic coating. This construction gives an
insulated device.
Marking
All relevant information is recorded on the primary package
or reel.
Terminations
Planar (or single-sided) termination is gold and suitable for
wire-bonding; wrap around is suitable for soldering.
Solderability
Wrap-around terminations on HR resistors have good ‘leach’
resistance properties. They will withstand immersion in solder
at 260°C for 30 seconds.
Alternative styles for
surface mounting
resistors
*Higher values available, consult factory for details
Physical Data
†
This dimension determines the number of conductors which may pass under the surface mounted device.


Similar Description - HR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CR0503 WELWYN-CR0503 Datasheet
165Kb / 3P
Surface Mounted Resistors
FCR WELWYN-FCR Datasheet
56Kb / 1P
Fusing Surface Mounted Resistors
WCR WELWYN-WCR Datasheet
661Kb / 2P
50General Purpose Surface Mounted Resistors
logo
American Accurate Compo...
RHAL100GFP AAC-RHAL100GFP Datasheet
100Kb / 1P
Ultra High Value Resistors
logo
Welwyn Components Limit...
WCR WELWYN-WCR_13 Datasheet
643Kb / 3P
General Purpose Surface Mounted Resistors
logo
List of Unclassifed Man...
WCR0805-39KFI ETC2-WCR0805-39KFI Datasheet
424Kb / 3P
GENERAL PURPOSE SURFACE MOUNTED RESISTORS
WCR1206 ETC2-WCR1206 Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
WCR1206-3K9FI ETC2-WCR1206-3K9FI Datasheet
424Kb / 3P
General Purpose Surface Mounted Resistors
logo
Tyco Electronics
RH73 MACOM-RH73 Datasheet
82Kb / 2P
SMD High Value Resistors
logo
TT Electronics.
CR0503 TTELEC-CR0503 Datasheet
441Kb / 3P
Surface Mounted Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com