Electronic Components Datasheet Search
  English  ▼

X  

RT334012 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RT334012
Description  General Purpose Relays PCB Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RT334012 Datasheet(HTML) 4 Page - Tyco Electronics

  RT334012 Datasheet HTML 1Page - Tyco Electronics RT334012 Datasheet HTML 2Page - Tyco Electronics RT334012 Datasheet HTML 3Page - Tyco Electronics RT334012 Datasheet HTML 4Page - Tyco Electronics RT334012 Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
07-2012, Rev. 0712
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 (Continued)
Product code
Version
Contacts
Contact material
Coil
Version
Part number
RT114009
12A, pinning 3.5mm,
1 form C (CO)
AgNi 90/10
9VDC
Standard
1393239-9
RT114012
flux proof
contact
12VDC
1419108-1
RT114012WG
IEC60335-1 compliant
7-1415538-6
RT114024
24VDC
Standard
1-1393239-3
RT114024WG
IEC60335-1 compliant
1415539-4
RT114730
230VAC
Standard
1-1393239-9
RT115024
AgNi 90/10 gold pl.
24VDC
2-1393239-1
RT134012
1 form A (NO)
AgNi 90/10
12VDC
2-1393239-6
RT134024
contact
24VDC
3-1393239-0
RT214012
12A, pinning 5mm,
1 form C (CO)
12VDC
5-1393239-4
RT214024
flux proof
contact
24VDC
5-1393239-5
RT214524
24VAC
5-1393239-9
RT214730
230VAC
1419108-6
RT314005
16A, pinning 5mm,
5VDC
9-1393239-1
RT314006
flux proof
6VDC
9-1393239-3
RT314012
12VDC
9-1393239-5
RT314012WG
IEC60335-1 compliant
8-1415535-6
RT314024
24VDC
Standard
9-1393239-8
RT314024WG
IEC60335-1 compliant
1415538-7
RT314048
48VDC
Standard
1393240-1
RT314730
230VAC
1393240-7
RT315024
AgNi 90/10 gold pl.
24VDC
1-1393240-4
RT334009WG
1 form A (NO)
AgNi 90/10
9VDC
IEC60335-1 compliant
3-1415538-1
RT334012
contact
12VDC
Standard
4-1393240-5
RT334012WG
IEC60335-1 compliant
1-1415527-1
RT334024
24VDC
Standard
4-1393240-8
RT334048
48VDC
5-1393240-0
RTB14005
12A, pinning 3.5mm,
1 form C (CO)
5VDC
1-1393238-2
RTB14012
wash tight
contact
12VDC
1-1393238-5
RTB14024
24VDC
1-1393238-9
RTB14524
24VAC
2-1393238-4
RTD14005
16A, pinning 5mm,
5VDC
5-1393238-9
RTD14012
wash tight
12VDC
6-1393238-2
RTD14024
24VDC
6-1393238-8
RTD14048
48VAC
6-1393238-9
RTD34012
1 form A (NO)
12VDC
3-1419108-5
RTD34024
contact
24VDC
3-1419108-8
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com