Electronic Components Datasheet Search
  English  ▼

X  

LA201 Datasheet(PDF) 1 Page - Tyco Electronics

Part # LA201
Description  L Series - Power Entry Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LA201 Datasheet(HTML) 1 Page - Tyco Electronics

  LA201 Datasheet HTML 1Page - Tyco Electronics LA201 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fuseholder — Part No. LA200
Accommodates one 1/4" x 1-1/4" North American fuse for
L series only.
Fuseholder — Part No. LA201
Accommodates one 5 x 20mm metric fuse for L series
only.
Voltage Wheel — Part No. LA302
Two-voltage selection drum for use with HL4 and DL4
models. Marked 115V/230V.
Voltage Wheel — Part No. LA303
Three-voltage selection drum or use with HL4 and DL4
models. Marked 110V/220V/240V.
Voltage Wheel — Part No. LA304
Four-voltage selection drum for use with HL4 and DL4
models. Marked 100V/120V/220V/240V. One LA304
comes standard with each HL4 and DL4 model.
Blank — Part No. LA400
Blank to replace switch in single voltage selection models.
DL1 and HL1 models.
Insulating Boot — Part No. LA601
Plastic shroud to cover back of EDL and EHL power entry
modules preventing inadvertent access.
Accessories
142
Catalog 1654001
Dimensions are in inches and
Dimensions are shown for
USA Cust. Svc.: 1-800-468-2023
www.corcom.com
Revised 05-07
millimeters unless otherwise
reference purposes only.
CORCOM Prods: 1-847-680-7400
www.tycoelectronics.com
specified. Values in italics
Specifications subject
Germany:
49-89-6089-0
are metric equivalents.
to change.
CORCOM Product Guide
General
Insulating Boot — Part No. FA601
Plastic shroud to cover back of IEC connector style filters
with style 1 terminals for EC, ED, EEA, EEB, EEJ, EF Series.
J Series - Voltage Selecting and Fused
Connector
L Series - Power Entry Modules
Tool — Part No. JA500
Extractor tool for removal and insertion of voltage selector
card in J series.
Voltage Card — Part No. JA302
Two-voltage selection card for use with J series. Marked
115V/230V.
Voltage Card — Part No. JA304
Four-voltage selection card for use with J series. Marked
110V/120V/220V/240V. One JA304 comes standard with
each J series module.
Line Cord — Part No. GA400
7 1/2 foot, 3-conductor line cord to mate with models with-
in the catalog. 1250 watt, 10A - 125 VAC SVT, Black, UL,
CSA.
Not recommended for patient care applications due to
leakage current of the line cord.
JA500
JA302


Similar Part No. - LA201

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA2010 SANYO-LA2010 Datasheet
215Kb / 8P
Audio Level Sensor
logo
American Accurate Compo...
LA2018N1809 AAC-LA2018N1809 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2018N1814 AAC-LA2018N1814 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2018N2409 AAC-LA2018N2409 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
LA2018N2414 AAC-LA2018N2414 Datasheet
161Kb / 3P
Broadband Low Noise Small Signal Amp 0.3 to 18GHz
More results

Similar Description - LA201

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CCM1300 MACOM-CCM1300 Datasheet
182Kb / 2P
Power Entry Modules
1EGG1-1 MACOM-1EGG1-1 Datasheet
85Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
List of Unclassifed Man...
DC11 ETC2-DC11 Datasheet
162Kb / 2P
POWER ENTRY MODULES WITHOUT LINE FILTER
logo
Tyco Electronics
1EGG1-1 MACOM-1EGG1-1_1 Datasheet
71Kb / 2P
Smallest Filtered Power Entry Modules with Metric Fuseholders
logo
Schurter Inc.
0040.5000.2 SCHURTER-0040.5000.2 Datasheet
400Kb / 3P
Power entry modules without line filter
logo
List of Unclassifed Man...
ATCA-H8314 ETC2-ATCA-H8314 Datasheet
871Kb / 2P
Dual -48 V DC power entry modules
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
logo
Schurter Inc.
8843 SCHURTER-8843 Datasheet
86Kb / 2P
POWER ENTRY MODULES
BOWDENCABLESINCL SCHURTER-BOWDENCABLESINCL Datasheet
229Kb / 3P
Bowden Cable for Power Entry Modules
0886.0606 SCHURTER-0886.0606 Datasheet
215Kb / 3P
Bowden Cable for Power Entry Modules
04.01.2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com