Electronic Components Datasheet Search
  English  ▼

X  

BC490G Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC490G
Description  High Current Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC490G Datasheet(HTML) 3 Page - ON Semiconductor

  BC490G Datasheet HTML 1Page - ON Semiconductor BC490G Datasheet HTML 2Page - ON Semiconductor BC490G Datasheet HTML 3Page - ON Semiconductor BC490G Datasheet HTML 4Page - ON Semiconductor BC490G Datasheet HTML 5Page - ON Semiconductor BC490G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC490
http://onsemi.com
3
Figure 2. Current−Gain — Bandwidth Product
IC, COLLECTOR CURRENT (mA)
−200
−70
−50
−30
−20
−10
−7.0
−5.0
−3.0
−2.0
200
100
70
50
20
VCE = −2.0 V
TJ = 25°C
Figure 3. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
−100
−50
−20
−10
−5.0
−2.0
−1.0
−0.5
−0.2
−0.1
100
70
50
30
20
5.0
TJ = 25°C
Cobo
Cibo
10
Figure 4. Switching Time
IC, COLLECTOR CURRENT (mA)
−500
−50
−30
−20
−10
−7.0
−5.0
1.0 k
VCC = −40 V
IC/IB = 10
IB1 = IB2
TJ = 25°C
700
500
300
200
100
70
50
30
20
10
ts
tf
tr
td @ VBE(off) = −0.5 V
−100
7.0
−200
−100
−70
−300
30
Figure 5. Thermal Response
t, TIME (ms)
1.0
0.01
0.02
0.03
0.05
0.07
0.1
0.2
0.3
0.5
0.7
1.0
2.0
5.0
10
20
50
100
200
500
1.0k
2.0k
5.0k
10k
20k
50k
100
D = 0.5
0.2
0.1
0.02
0.01
SINGLE PULSE
DUTY CYCLE, D = t1/t2
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1 (SEE AN−469)
TJ(pk) − TC = P(pk) ZqJC(t)
TJ(pk) − TA = P(pk) ZqJA(t)
t1
t2
P(pk)
ZqJC(t) = r(t) • RqJC
ZqJA(t) = r(t) • RqJA
SINGLE PULSE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com