| Electronic Components Datasheet Search |
|
CAT1024 Datasheet(PDF) 13 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
CAT1024 Datasheet(HTML) 13 Page - ON Semiconductor |
|
13 / 21 page ![]() CAT1021, CAT1022, CAT1023 © 2009 SCILLC. All rights reserved. 13 Doc. No. MD-3009 Rev. P Characteristics subject to change without notice Immediate/Current Address Read The CAT1021/22/23 address counter contains the address of the last byte accessed, incremented by one. In other words, if the last READ or WRITE access was to address N, the READ immediately following would access data from address N + 1. For N = E = 255, the counter will wrap around to zero and continue to clock out valid data. After the CAT1021/22/23 receives its slave address infor- mation (with the R/W ¯¯ bit set to one), it issues an acknowledge, then transmits the 8-bit byte requested. The master device does not send an acknowledge, but will generate a STOP condition. Selective/Random Read Selective/Random READ operations allow the Master device to select at random any memory location for a READ operation. The Master device first performs a ‘dummy’ write operation by sending the START condition, slave address and byte addresses of the location it wishes to read. After the CAT1021/22/23 acknowledges, the Master device sends the START condition and the slave address again, this time with the R/W ¯¯ bit set to one. The CAT1021/22/23 then responds with its acknowledge and sends the 8-bit byte requested. The master device does not send an acknowledge but will generate a STOP condition. Sequential Read The Sequential READ operation can be initiated by either the Immediate Address READ or Selective READ operations. After the CAT1021/22/23 sends the inital 8- bit byte requested, the Master will responds with an acknowledge which tells the device it requires more data. The CAT1021/22/23 will continue to output an 8- bit byte for each acknowledge, thus sending the STOP condition. The data being transmitted from the CAT1021/22/23 is sent sequentially with the data from address N followed by data from address N + 1. The READ operation address counter increments all of the CAT1021/22/23 address bits so that the entire memory array can be read during one operation. Figure 11. Selective Read Timing Figure 12. Sequential Read Timing SLAVE ADDRESS S A C K N O A C K S T O P P BUS ACTIVITY: MASTER SDA LINE S T A R T BYTE ADDRESS (n) S A C K DATA n SLAVE ADDRESS A C K S T A R T BUS ACTIVITY: MASTER SDA LINE DATA n+x DATA n A C K A C K DATA n+1 A C K S T O P N O A C K DATA n+2 A C K P SLAVE ADDRESS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |