Electronic Components Datasheet Search
  English  ▼

X  

SF_IP Datasheet(PDF) 1 Page - XP Power Limited

Part # SF_IP
Description  Regulated Single & Dual Output
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SF_IP Datasheet(HTML) 1 Page - XP Power Limited

  SF_IP Datasheet HTML 1Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3 Watts
21-Jan-11
Specification
•
Regulated Single & Dual Output
•
Wide 4:1 Input Range
•
SIP Package
•
1600 VDC Isolation
•
40 °C to 85 °C Operation
•
Remote On/Off
•
3 Year Warranty
IP Series
Input
Input Voltage Range
• See table
Input Reflected
• 20 mA pk-pk through 12 µH inductor and
Ripple Current
47 µF capacitor, 5 Hz to 20 MHz
Input Filter
• Capacitor
Input Surge
• 12 V models: 25 VDC for 100 ms
24 V models: 50 VDC for 100 ms
48 V models: 100 VDC for 100 ms
Output
Output Voltage
• See table
Minimum Load
• None(1)
Line Regulation
• ±0.2% max
Load Regulation
• ±1.0% max for a 10-100% load change(1)
Setpoint Accuracy
• ±1% max
Ripple & Noise
• 30 mV pk-pk max, 20 MHz bandwidth
Temperature Coefficient
• 0.02%/°C
Short Circuit Protection
• Continuous with auto recovery (foldback)
Cross Regulation
• ±5% on dual output models(2)
Remote On/Off
• Apply 2 to 4 mA to pin 3 to turn off output
General
Efficiency
• See table
Isolation Voltage
• 1600 VDC
Isolation Resistance
• 109
Ω
Isolation Capacitance
• 200 pF
Switching Frequency
• 100-600 kHz variable
MTBF
• >1.7 MHrs to MIL-HDBK-217F at 25 °C, GB
Environmental
Operating Temperature
• -40 °C to +85 °C, derate from 100% load at
70 °C to 30% load at 85 °C
Storage Temperature
• -40 °C to +125 °C
Case Temperature
• 100 °C max
Cooling
• Convection cooled
xppower.com
Input
Voltage
Output
Voltage
Output
Current
No Load
Input
Current
Max
Capacitive
Load
Efficiency
Model
Number
4.5-18.0 V
3.3 V
700 mA
40 mA
1760 µF
72%
IP1203SA†
^
5.0 V
600 mA
40 mA
1000 µF
77%
IP1205SA†
^
12.0 V
250 mA
40 mA
170 µF
81%
IP1212SA†
^
15.0 V
200 mA
40 mA
110 µF
81%
IP1215SA†
^
±5.0 V ±300 mA
40 mA
±470 µF
77%
IP1205S†
^
±12.0 V ±125 mA
40 mA
±100 µF
80%
IP1212S†
^
±15.0 V ±100 mA
40 mA
±47 µF
80%
IP1215S†
^
9.0-36.0 V
3.3 V
700 mA
25 mA
1760 µF
75%
IP2403SA†
^
5.0 V
600 mA
25 mA
1000 µF
79%
IP2405SA†
^
12.0 V
250 mA
25 mA
170 µF
82%
IP2412SA†
^
15.0 V
200 mA
25 mA
110 µF
82%
IP2415SA†
^
±5.0 V ±300 mA
25 mA
±470 µF
79%
IP2405S†
^
±12.0 V ±125 mA
25 mA
±100 µF
79%
IP2412S†
^
±15.0 V ±100 mA
25 mA
±47 µF
80%
IP2415S†
^
18.0-75.0 V
3.3 V
700 mA
15 mA
1760 µF
74%
IP4803SA†
^
5.0 V
600 mA
15 mA
1000 µF
78%
IP4805SA†
^
12.0 V
250 mA
15 mA
170 µF
80%
IP4812SA†
^
15.0 V
200 mA
15 mA
110 µF
81%
IP4815SA†
^
±5.0 V ±300 mA
15 mA
±470 µF
79%
IP4805S†
^
±12.0 V ±125 mA
15 mA
±100 µF
79%
IP4812S†
^
±15.0 V ±100 mA
15 mA
±47 µF
79%
IP4815S†
^
Mechanical Details
0.36 (9.20)
0.44
(11.10)
0.12
(3.05)
1
0.10
(2.54)
0.36
(9.20)
0.14
(3.50)
0.02
(0.50)
0.01
(0.25)
0.02 (0.50)
0.02
(0.50)
0.42
(10.60)
0.70 (17.78)
0.86 (21.85)
Printed Face
8
7
6
5
3
2
PIN CONNECTIONS
Pin
Single
Dual
Pin
Single
Dual
1
-V Input
-V Input
5
N.C.
N.C.
2
+V Input
+V Input
6
+V Output
+V Output
3
Remote On/Off
Remote On/Off
7
-V Output
Common
4
No Pin
No Pin
8
N.C.
-V Output
1. Operation at no load will not damage the converter but may not meet
all specifications.
2. When one output is set to 100% load and the other varies between
25%-100% load.
3. Pin pitch tolerance ±0.014 (±0.35)
4. Case tolerance ±0.02 (0.5)
5. Weight: 0.014 lbs (6.5 g)
6. All dimensions in inches (mm)
Notes
† Available from Farnell & element14. See pages 284-290.
^ Available from Newark. See pages 291-296.


Similar Part No. - SF_IP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
sffi2 ETC1-sffi2 Datasheet
346Kb / 1P
COMPONEX mINI-mETERS - STOCK RANGE
logo
Fluke Corporation
SFSINGLEMODE2 FLUKE-SFSINGLEMODE2 Datasheet
696Kb / 11P
SimpliFiber® Pro
Rev: 01/02/2018
SFSINGLEMODESOURCE FLUKE-SFSINGLEMODESOURCE Datasheet
696Kb / 11P
SimpliFiber® Pro
Rev: 01/02/2018
logo
Fairchild Semiconductor
SFWI9510 FAIRCHILD-SFWI9510 Datasheet
229Kb / 7P
Advanced Power MOSFET
SFWI9520 FAIRCHILD-SFWI9520 Datasheet
228Kb / 7P
Advanced Power MOSFET
More results

Similar Description - SF_IP

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
RR2-S04-D04 RSG-RR2-S04-D04 Datasheet
112Kb / 3P
4 Watt regulated single & dual output
RV1-S10-D10 RSG-RV1-S10-D10 Datasheet
142Kb / 4P
10 Watt regulated single & dual output
logo
MORNSUN Science& Techno...
URA2405LD-20WR2 MORNSUN-URA2405LD-20WR2 Datasheet
1Mb / 10P
REGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
logo
XP Power Limited
IT2403SA XPPOWER-IT2403SA Datasheet
113Kb / 1P
Regulated Single & Dual Output
logo
GAPTEC Electronic GmbH ...
2D16WA GAPTEC-2D16WA Datasheet
745Kb / 3P
2W - Dual/Single Output - Wide Input - Isolated & Regulated
3D8W4 GAPTEC-3D8W4 Datasheet
545Kb / 4P
3Watt - 4:1 Regulated Single & Dual output
3S8W-1.6RP GAPTEC-3S8W-1.6RP Datasheet
946Kb / 4P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-2RP GAPTEC-3S8W-2RP Datasheet
893Kb / 3P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
3S8W-3RP GAPTEC-3S8W-3RP Datasheet
1Mb / 6P
3W - Dual/Single Output - Wide Input - Isolated & Regulated
5S8W4 GAPTEC-5S8W4 Datasheet
1Mb / 3P
5W - Dual/Single Output - Wide Input - Isolated & Regulated
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com