Electronic Components Datasheet Search
  English  ▼

X  

IR2153 Datasheet(PDF) 4 Page - International Rectifier

Part # IR2153
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2153 Datasheet(HTML) 4 Page - International Rectifier

  IR2153 Datasheet HTML 1Page - International Rectifier IR2153 Datasheet HTML 2Page - International Rectifier IR2153 Datasheet HTML 3Page - International Rectifier IR2153 Datasheet HTML 4Page - International Rectifier IR2153 Datasheet HTML 5Page - International Rectifier IR2153 Datasheet HTML 6Page - International Rectifier IR2153 Datasheet HTML 7Page - International Rectifier IR2153 Datasheet HTML 8Page - International Rectifier IR2153 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IR2153(D)(S) & (PbF)
4
www.irf.com
NOTE:For new designs, we recommend
IR’s new product IRS2153D
Floating Supply Characteristics
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
IQBSUV
Micropower startup VBS supply current
—
0
10
VCC ≤ VCCUV-
IQBS
Quiescent VBS supply current
—
30
50
VBSMIN
Minimum required VBS voltage for proper
—
4.0
5.0
V
VCC=VCCUV+ + 0.1V
functionality from RT to HO
ILK
Offset supply leakage current
—
—
50
μAVB = VS = 600V
VF
Bootstrap diode forward voltage (IR2153D)
0.5
—
1.0
V
IF = 250mA
μA
Electrical Characteristics
VBIAS (VCC, VBS) = 12V, CL = 1000 pF, CT = 1 nF and TA = 25°C unless otherwise specified. The VIN, VTH and IIN
parameters are referenced to COM. The VO and IO parameters are referenced to COM and are applicable to the
respective output leads: HO or LO.
Symbol Definition
Min.
Typ.
Max.
Units Test Conditions
VCCUV+
Rising VCC undervoltage lockout threshold
8.1
9.0
9.9
VCCUV-
Falling VCC undervoltage lockout threshold
7.2
8.0
8.8
VCCUVH
VCC undervoltage lockout Hysteresis
0.5
1.0
1.5
IQCCUV
Micropower startup VCC supply current
—
75
150
VCC ≤ VCCUV-
IQCC
Quiescent VCC supply current
—
500
950
VCLAMP
VCC zener clamp voltage
14.4
15.6
16.8
V
ICC = 5mA
Low Voltage Supply Characteristics
V
μA
Symbol Definition
Min.
Typ.
Max.
Units
Test Conditions
fosc
Oscillator frequency
19.4
20
20.6
RT = 36.9kΩ
94
100
106
RT = 7.43k
Ω
d
RT pin duty cycle
48
50
52
%
fo < 100kHz
ICT
CT pin current
—
0.001
1.0
uA
ICTUV
UV-mode CT pin pulldown current
0.30
0.70
1.2
mA
VCC = 7V
VCT+
Upper CT ramp voltage threshold
—
8.0
—
VCT-
Lower CT ramp voltage threshold
—
4.0
—
VCTSD
CT voltage shutdown threshold
1.8
2.1
2.4
VRT+
High-level RT output voltage, VCC - VRT
—
10
50
IRT = 100μA
—
100
300
IRT = 1mA
VRT-
Low-level RT output voltage
—
10
50
IRT = 100μA
—
100
300
IRT = 1mA
VRTUV
UV-mode RT output voltage
—
0
100
VCC ≤ VCCUV-
VRTSD
SD-Mode RT output voltage, VCC - VRT
—
10
50
IRT = 100μA,
VCT = 0V
—
10
300
IRT = 1mA,
VCT = 0V
Oscillator I/O Characteristics
V
mV
kHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com