Electronic Components Datasheet Search
  English  ▼

X  

IR2153D Datasheet(PDF) 3 Page - International Rectifier

Part # IR2153D
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2153D Datasheet(HTML) 3 Page - International Rectifier

  IR2153D Datasheet HTML 1Page - International Rectifier IR2153D Datasheet HTML 2Page - International Rectifier IR2153D Datasheet HTML 3Page - International Rectifier IR2153D Datasheet HTML 4Page - International Rectifier IR2153D Datasheet HTML 5Page - International Rectifier IR2153D Datasheet HTML 6Page - International Rectifier IR2153D Datasheet HTML 7Page - International Rectifier IR2153D Datasheet HTML 8Page - International Rectifier IR2153D Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IR2153(D)(S) & (PbF)
www.irf.com
3
NOTE:For new designs, we recommend
IR’s new product IRS2153D
Symbol
Component
Min.
Max.
Units
RT
Timing resistor value
10
—
k
Ω
CT
CT pin capacitor value
330
—
pF
Recommended Component Values
IR2153 RT vs Frequency
10
100
1000
10000
100000
1000000
10
100
1000
10000
100000
1000000
RT (ohms)
330pf
470pF
1nF
2.2nF
4.7nF
10nF
CT Values



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com