Electronic Components Datasheet Search
  English  ▼

X  

IR2153DPbF Datasheet(PDF) 1 Page - International Rectifier

Part # IR2153DPbF
Description  SELF-OSCILLATING HALF-BRIDGE DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2153DPbF Datasheet(HTML) 1 Page - International Rectifier

  IR2153DPbF Datasheet HTML 1Page - International Rectifier IR2153DPbF Datasheet HTML 2Page - International Rectifier IR2153DPbF Datasheet HTML 3Page - International Rectifier IR2153DPbF Datasheet HTML 4Page - International Rectifier IR2153DPbF Datasheet HTML 5Page - International Rectifier IR2153DPbF Datasheet HTML 6Page - International Rectifier IR2153DPbF Datasheet HTML 7Page - International Rectifier IR2153DPbF Datasheet HTML 8Page - International Rectifier IR2153DPbF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
• Integrated 600V half-bridge gate driver
• 15.6V zener clamp on Vcc
• True micropower start up
• Tighter initial deadtime control
• Low temperature coefficient deadtime
• Shutdown feature (1/6th Vcc) on CT pin
• Increased undervoltage lockout Hysteresis (1V)
• Lower power level-shifting circuit
• Constant LO, HO pulse widths at startup
• Lower di/dt gate driver for better noise immunity
• Low side output in phase with RT
• Internal 50nsec (typ.) bootstrap diode (IR2153D)
• Excellent latch immunity on all inputs and outputs
• ESD protection on all leads
• Also available LEAD-FREE
(NOTE:For new designs, we recommend
IR’s new product IRS2153D)
SELF-OSCILLATING HALF-BRIDGE DRIVER
Product Summary
VOFFSET
600V max.
Duty Cycle
50%
Tr/Tp
80/40ns
Vclamp
15.6V
Deadtime (typ.)
1.2 µs
Typical Connections
VB
HO
VS
LO
VCC
RT
CT
COM
600V
MAX
Shutdown
IR2153(S)
IR2153D
VB
HO
VS
LO
VCC
RT
CT
COM
600V
MAX
Shutdown
IR2153(D)(S) &(PbF)
Description
The IR2153D(S) are an improved version of the
popular IR2155 and IR2151 gate driver ICs, and incor-
porates a high voltage half-bridge gate driver with a front end oscillator similar to the industry standard CMOS
555 timer. The IR2153 provides more functionality and is easier to use than previous ICs. A shutdown feature
has been designed into the CT pin, so that both gate driver outputs can be disabled using a low voltage control
signal. In addition, the gate driver output pulse widths are the same once the rising undervoltage lockout
threshold on VCC has been reached, resulting in a more stable profile of frequency vs time at startup.
Noise immunity has been improved significantly, both by lowering the peak di/dt of the gate drivers, and by
increasing the undervoltage lockout hysteresis to 1V. Finally, special attention has been payed to maximizing
the latch immunity of the device, and providing comprehensive ESD protection on all pins.
www.irf.com
1
Packages
8 Lead PDIP
8 Lead SOIC
Data Sheet No. PD60062 revO


Similar Part No. - IR2153DPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153DPBF IRF-IR2153DPBF Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153DPbF IRF-IR2153DPbF Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
More results

Similar Description - IR2153DPbF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2153 IRF-IR2153 Datasheet
217Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2154 IRF-IR2154 Datasheet
124Kb / 7P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z Datasheet
81Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR25603SPBF IRF-IR25603SPBF Datasheet
862Kb / 12P
Self-Oscillating Half-Bridge Driver
IR2153 IRF-IR2153_09 Datasheet
161Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2151PBF IRF-IR2151PBF Datasheet
100Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531STRPBF IRF-IR21531STRPBF Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR2153Z IRF-IR2153Z_15 Datasheet
94Kb / 6P
SELF-OSCILLATING HALF-BRIDGE DRIVER
IR21531 IRF-IR21531_15 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21531 INFINEON-IR21531 Datasheet
223Kb / 9P
SELF-OSCILLATING HALF-BRIDGE DRIVER
Data Sheet No. PD60131 revM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com