Electronic Components Datasheet Search
  English  ▼

X  

LM2575 Datasheet(PDF) 15 Page - ON Semiconductor

Part # LM2575
Description  1.0 A, Adjustable Output Voltage, Step-Down
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2575 Datasheet(HTML) 15 Page - ON Semiconductor

Back Button LM2575 Datasheet HTML 11Page - ON Semiconductor LM2575 Datasheet HTML 12Page - ON Semiconductor LM2575 Datasheet HTML 13Page - ON Semiconductor LM2575 Datasheet HTML 14Page - ON Semiconductor LM2575 Datasheet HTML 15Page - ON Semiconductor LM2575 Datasheet HTML 16Page - ON Semiconductor LM2575 Datasheet HTML 17Page - ON Semiconductor LM2575 Datasheet HTML 18Page - ON Semiconductor LM2575 Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LM2575, NCV2575
http://onsemi.com
15
Table 3. Example of Several Inductor Manufacturers Phone/Fax Numbers
Pulse Engineering Inc.
Phone
Fax
+ 1−619−674−8100
+ 1−619−674−8262
Pulse Engineering Inc. Europe
Phone
Fax
+ 353 93 24 107
+ 353 93 24 459
Renco Electronics Inc.
Phone
Fax
+ 1−516−645−5828
+ 1−516−586−5562
AIE Magnetics
Phone
Fax
+ 1−813−347−2181
Coilcraft Inc.
Phone
Fax
+ 1−708−322−2645
+ 1−708−639−1469
Coilcraft Inc., Europe
Phone
Fax
+ 44 1236 730 595
+ 44 1236 730 627
Tech 39
Phone
Fax
+ 33 8425 2626
+ 33 8425 2610
Schott Corp.
Phone
Fax
+ 1−612−475−1173
+ 1−612−475−1786
Table 4. Diode Selection Guide gives an overview about both surface−mount and through−hole diodes for an
effective design. Device listed in bold are available from ON Semiconductor.
VR
Schottky
Ultra−Fast Recovery
1.0 A
3.0 A
1.0 A
3.0 A
SMT
THT
SMT
THT
SMT
THT
SMT
THT
20 V
SK12
1N5817
SR102
SK32
MBRD320
1N5820
MBR320
SR302
30 V
MBRS130LT3
SK13
1N5818
SR103
11DQ03
SK33
MBRD330
1N5821
MBR330
SR303
31DQ03
MURS120T3
MUR120
11DF1
HER102
MURS320T3
40 V
MBRS140T3
SK14
10BQ040
10MQ040
1N5819
SR104
11DQ04
MBRS340T3
MBRD340
30WQ04
SK34
1N5822
MBR340
SR304
31DQ04
10BF10
MURD320
MUR320
30WF10
MUR420
50 V
MBRS150
10BQ050
MBR150
SR105
11DQ05
MBRD350
SK35
30WQ05
MBR350
SR305
11DQ05
31DF1
HER302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com