Electronic Components Datasheet Search
  English  ▼

X  

RTS3T024 Datasheet(PDF) 4 Page - Tyco Electronics

Part # RTS3T024
Description  Power PCB Relay RT1 Inrush Power
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RTS3T024 Datasheet(HTML) 4 Page - Tyco Electronics

  RTS3T024 Datasheet HTML 1Page - Tyco Electronics RTS3T024 Datasheet HTML 2Page - Tyco Electronics RTS3T024 Datasheet HTML 3Page - Tyco Electronics RTS3T024 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
4
SCHRACK
General Purpose Relays
PCB Relays
Power PCB Relay RT1 Inrush Power (Continued)
Product code structure
Typical product code
RT
S
3
T
A12
Type
RT Power PCB Relay RT1 Inrush Power
Version
S Without test tab
T
With test tab (manual operator)
for contact material ‚T‘ and bistable coil only
Contact configuration
3
1 form A (NO) contact
Contact material
L
AgSnO2
T
Tungsten (W) pre-make + AgSnO2
Coil
Coil code: please refer to coil versions table
Product code
Version
Contacts
Contact material
Coil version
Coil
Part number
RTS3L005
Without test tab,
1 form A (NO)
AgSnO2
Monostable
5VDC
1-1415898-8
RTS3L006
16mm high
contact
6VDC
4-1415898-4
RTS3L012
12VDC
1-1415898-9
RTS3L024
24VDC
1-1415898-4
RTS3LA12
Bistable, 1 coil
12VDC
2-1415898-3
RTS3LF12
Bistable, 2 coils
2-1415898-5
RTS3T005
Without test tab,
W pre-make + AgSnO2
Monostable
5VDC
1-1415898-6
RTS3T012
15.7mm high
12VDC
1415898
RTS3T024
24VDC
1415898-1
RTS3T048
48VDC
1-1415898-1
RTS3T060
60VDC
1-1415898-2
RTS3TA05
Bistable, 1 coil
5VDC
1-1415898-5
RTS3TA06
6VDC
3-1415898-1
RTS3TA12
12VDC
1415898-2
RTS3TF03
Bistable, 2 coils
3VDC
1415898-4
RTS3TF12
12VDC
1415898-5
RTS3TF24
24VDC
1415898-6
RTT3TA12
With test tab,
Bistable, 1 coil
12VDC
1415898-7
RTT3TF24
23.6mm high
Bistable, 2 coils
24VDC
1-1415898-0
This list represents the most common types and does not show all variants covered by this datasheet.
Other types on request



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com