Electronic Components Datasheet Search
  English  ▼

X  

TIP33CG Datasheet(PDF) 1 Page - ON Semiconductor

Part # TIP33CG
Description  NPN High-Power Transistors Designed for general?뭦urpose power amplifier and switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TIP33CG Datasheet(HTML) 1 Page - ON Semiconductor

  TIP33CG Datasheet HTML 1Page - ON Semiconductor TIP33CG Datasheet HTML 2Page - ON Semiconductor TIP33CG Datasheet HTML 3Page - ON Semiconductor TIP33CG Datasheet HTML 4Page - ON Semiconductor TIP33CG Datasheet HTML 5Page - ON Semiconductor TIP33CG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2012
May, 2012 − Rev. 4
1
Publication Order Number:
TIP33C/D
TIP33A, TIP33C
NPN High-Power Transistors
Designed for general−purpose power amplifier and switching
applications.
Features
• ESD Ratings: Machine Model, C; > 400 V
Human Body Model, 3B; > 8000 V
• Epoxy Meets UL 94 V−0 @ 0.125 in
• These are Pb−Free Devices*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector − Emitter Voltage
TIP33A
TIP33C
VCEO
60
100
Vdc
Collector − Base Voltage
TIP33A
TIP33C
VCBO
60
100
Vdc
Emitter − Base Voltage
VEBO
5.0
Vdc
Collector Current
− Continuous
− Peak (Note 1)
IC
10
15
Adc
Apk
Base Current − Continuous
IB
3.0
Adc
Total Device Dissipation @ TC = 25°C
Derate above 25°C
PD
80
0.64
Watts
W/°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 65 to
+150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction−to−Case
RqJC
1.56
°C/W
Thermal Resistance, Junction−to−Ambient
RqJA
35.7
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Pulse Test: Pulse Width v 300 ms, Duty Cycle v 2.0%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
10 AMPERE
NPN SILICON
POWER TRANSISTORS
60 & 100 VOLT, 80 WATTS
SOT−93 (TO−218)
CASE 340D
STYLE 1
TO−247
CASE 340L
STYLE 3
NOTE: Effective June 2012 this device will
be available only in the TO−247
package. Reference FPCN# 16827.
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - TIP33CG

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP33C MOSPEC-TIP33C Datasheet
144Kb / 3P
POWER TRANSISTORS(10A,40-100V,80W)
logo
Motorola, Inc
TIP33C MOTOROLA-TIP33C Datasheet
105Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33C ONSEMI-TIP33C Datasheet
102Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP33C POINN-TIP33C Datasheet
91Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP33C STMICROELECTRONICS-TIP33C Datasheet
48Kb / 4P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP33CG

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE335 NTE-NTE335 Datasheet
59Kb / 2P
Silicon NPN RF Power Transistor Designed for power amplifier
logo
E-Tech Electronics LTD
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
The G2N3904 is designed for general purpose switching and amplifier applications.
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
The G2N3906 is designed for general purpose switching and amplifier applications
G1270 ETL-G1270 Datasheet
171Kb / 2P
The G1270 is designed for general purpose switching and amplifier applications
G6718 ETL-G6718 Datasheet
162Kb / 2P
The G6718 is designed for general purpose medium power amplifier and switching applications
GPN2222A ETL-GPN2222A Datasheet
140Kb / 3P
The GPN2222A is designed for general purpose amplifier and high speed, medium-power switching applications.
GPN2907A ETL-GPN2907A Datasheet
230Kb / 2P
The GPN2907A is designed for general purpose amplifier and high speed, medium-power switching applications
GSA1625 ETL-GSA1625 Datasheet
416Kb / 2P
The GSA1625 is designed for general purpose amplifier and high speed switching applications.
logo
Rectron Semiconductor
MJD44H11 RECTRON-MJD44H11 Datasheet
302Kb / 2P
Designed for general purpose power and switching
MJD45H11 RECTRON-MJD45H11 Datasheet
301Kb / 2P
Designed for general purpose power and switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com