Electronic Components Datasheet Search
  English  ▼

X  

1410190-3 Datasheet(PDF) 25 Page - Tyco Electronics

Part # 1410190-3
Description  High Speed Backplane Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410190-3 Datasheet(HTML) 25 Page - Tyco Electronics

Back Button 1410190-3 Datasheet HTML 18Page - Tyco Electronics 1410190-3 Datasheet HTML 19Page - Tyco Electronics 1410190-3 Datasheet HTML 20Page - Tyco Electronics 1410190-3 Datasheet HTML 21Page - Tyco Electronics 1410190-3 Datasheet HTML 22Page - Tyco Electronics 1410190-3 Datasheet HTML 23Page - Tyco Electronics 1410190-3 Datasheet HTML 24Page - Tyco Electronics 1410190-3 Datasheet HTML 25Page - Tyco Electronics 1410190-3 Datasheet HTML 26Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
161
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
5
Power Modules and Guide Hardware Reference (Continued)
Note: All part numbers are RoHS compliant.
Mounting Screw for
9.0 mm Guide Modules
Part Number 1410946-1
and 5.0 mm Guide Modules
Part Number 1410946-2
1.50
[.059]
Ø 5.50
[.217]
0.50
[.020]
Max.
3.50
[.138]
7.2 mm Wide, No Key
7.08
[.279]
7.30
[.287]
7.40
[.291]
4.10
[.161]
Across
Flats
18.60
[.732]
1.85
[.073]
25.33
[.997]
8.35
[.329]
30°0'
Ref.
- Z -
- Z -
C
L of
A
Pin Part Number 1-1410710-X
7.10
[.280]
31.88
[1.255]
18.40
[.724]
4.00
[.157]
3.70
[.146]
15.63
[.615]
10.50
[.413]
3.88
[.153]
Guide Module Part Number 1410714-2
9.0 mm Wide, with Keying
7.40
[.291]
24.00
[.945]
Ø 9.00
[.354]
2.00
[.079]
1.50 ± 0.03
[.059 ± .001]
G
Pin Part Number 1-1469491-X
5.00
[.197]
12.48
[.491]
5.50
[.217]
5.50
[.217]
5.25
[.207]
Measured
Counterclockwise
Top of
Motherboard
Edge of
Daughtercard
2 Plcs.
1.30 ± 0.10
[.051 ± .004]
2.70 ± 0.08
[.106 ± .003]
Ø 4.65 ± 0.05
[.183 ± .002]
Ø 3.00 ± 0.05
[.118 ± .002]
2.70
[.106]
9.78
[.385]
12.50
[.492]
Max.
4.75
[.187]
5.50
[.217]
+ 0.05
– 0.13
+ .002
– .005
9.00
[.354
]
22.75
[.896]
ESD Orientation
A
Guide Module Part Number 1-1469492-X
Dim. A
Part Number
8.72
1-1410710-1
.343
10.00
1-1410710-2
.394
11.60
1-1410710-3
.457
13.10
1-1410710-4
.516
Dim. G
Part Number
2.60
1-1469491-2
.102
4.20
1-1469491-3
.165
5.70
1-1469491-4
.224
Dim. A
Part Number
0°
1-1469492-1
45°
1-1469492-2
90°
1-1469492-3
270°
1-1469492-7
315°
1-1469492-8
No Key
1-1469492-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com