Electronic Components Datasheet Search
  English  ▼

X  

1410187-3 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1410187-3
Description  High Speed Backplane Interconnect Solutions
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410187-3 Datasheet(HTML) 5 Page - Tyco Electronics

  1410187-3 Datasheet HTML 1Page - Tyco Electronics 1410187-3 Datasheet HTML 2Page - Tyco Electronics 1410187-3 Datasheet HTML 3Page - Tyco Electronics 1410187-3 Datasheet HTML 4Page - Tyco Electronics 1410187-3 Datasheet HTML 5Page - Tyco Electronics 1410187-3 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.te.com/products/2Piece-High-Speed
High Speed Backplane Connectors
TE Connectivity
IMPACT Connectors
n
Up to 25 Gb/s performance
n
Density up to 32 high speed differential pairs per cm (80 DP per inch)
n
100 Ohm
n
Modular system: 2, 3, 4, 5, 6 pair/ column available. 6 through 20 columns
offered in increments of 2 columns
n
See back panel for representative part numbers
n
Order catalog 7-1773458-1, "IMPACT Backplane Connector System"
n
Website: www.te.com/products/Impact
Z-PACK TinMan 100 Ohm and 85 Ohm Connectors
n
Up to 12.5 Gb/s performance
n
Density up to 14 high speed differential pairs per cm (80 DP per inch);
6-16 columns available
n
Modular system: 3, 4, 5, and 6 pair/column, respectively fitting 16.25mm
(.625"), 20.32 mm (0.8") and 25.4 mm (1") slot-pitch
n
85 ohm impedance version for QPCle and Intel QPI standards, and other
85 ohm system applications
n
See back panel for representative part numbers
n
Order catalog 1773095, "High Speed Backplane Connector"
n
Website: http://www.te.com/ZPackTinMan
Z-PACK Slim uHD Connectors
n
2 versions
n
CS (Common Speed) 8 Gb/s
n
HS (High Speed) 12.5 Gb/s, scalable to 20 Gb/s
n
Density (in a 2 DP/Column assignment): 55 lines per cm, 141 lines per inch
(in a SE assignment)
n
Low profile — 12.5 mm wide
n
Flexible pin assignments
n
See back panel for representative part numbers
n
Order catalog 1773095, "High Speed Backplane Connector"
n
Website: http://www.te.com/products/zpackuhd



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com