Electronic Components Datasheet Search
  English  ▼

X  

1658894-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1658894-1
Description  SFP Solutions
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1658894-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1658894-1 Datasheet HTML 1Page - Tyco Electronics 1658894-1 Datasheet HTML 2Page - Tyco Electronics 1658894-1 Datasheet HTML 3Page - Tyco Electronics 1658894-1 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
te.com/products/sfp
SFP Solutions
TE Connectivity
Cages
PN
Ports
PCB
Termination
Requires
Connector
Lightpipes
Included
Mating
Dust Cap
Belly-to-Belly
Applications
Other
6367034-1
1x1
Solder
Yes
No
1367147-x
Yes
Bottom
6367035-1
1x1
Solder
Yes
No
1367147-x
Yes
Top
1489669-1
1x1
PressFit,8Pins
Yes
No
1367147-x
Yes
1489779-1
1x1
PressFit,20Pins
Yes
No
1367147-x
No
1489962-1
1x1
Solder
Yes
No
1367147-x
No
1489962-3
1x1
Solder
Yes
No
1367147-x
No
3.5mmTail
1367629-1
1x1
PressFit
Yes
Yes
1367147-x
No
1.8mmTail
1932002-1
1x1
Solder
Yes
No
1367147-x
No
PreassembledCages
1761014-1
1x2
PressFit
Yes
No
1761394-1
Yes
1761007-1
1x2
PressFit
Yes
Yes
1761394-1
Yes
1658744-1
1x4
PressFit
Yes
No
1761394-1
Yes
1658723-1
1x4
Solder
Yes
No
1761394-1
Yes
1761008-1
1x4
PressFit
Yes
Yes
1761394-1
Yes
1761015-1
1x6
PressFit
Yes
No
1761394-1
Yes
1658939-1
1x6
PressFit
Yes
Yes
1761394-1
Yes
1658391-1
2x1
PressFit
Integrated
No
1761394-1
No
StandardProfile
1658628-1
2x1
PressFit
Integrated
No
1761394-1
No
LowProfile
1658859-1
2x1
PressFit
Integrated
Yes
1761394-1
No
LowProfile
1658390-1
2x4
PressFit
Integrated
No
1761394-1
No
StandardProfile
1658629-1
2x4
PressFit
Integrated
No
1761394-1
No
LowProfile
1658758-1
2x4
PressFit
Integrated
Yes
1761394-1
No
LowProfile
1761327-1
2x6
PressFit
Integrated
No
1761394-1
No
StandardProfile
1658894-1
2x6
PressFit
Integrated
No
1761394-1
No
LowProfile
1658895-1
2x6
PressFit
Integrated
Yes
1761394-1
No
LowProfile
1932068-1
1x1
PressFit
Integrated
No
1367147-x
No
1932069-1
1x4
PressFit
Integrated
No
1761394-1
No
1761967-1
1x6
PressFit
Integrated
No
1761394-1
No
1761896-1
1x1
PressFit,8Pins
Yes
No
1367147-x
No
1761497-1
1x1
PressFit,20Pins
Yes
No
1367147-x
No
1888424-1
1x2
PressFit
Yes
No
1761394-1
No
1888425-1
1x4
PressFit
Yes
No
1761394-1
No
1367643-1
1x1
PressFit
Yes
No
1367147-x
Yes
SeeHeatsinkOptions
1367645-1
1x1
PressFit
Yes
No
1367147-x
Yes
PCIHeatSink
1367645-2
1x1
PressFit
Yes
No
1367147-x
Yes
SANHeatSink
1367645-3
1x1
PressFit
Yes
No
1367147-x
Yes
NetworkingHeatSink
Note : Cagesthatareequippedwithwithheatsinksalsoincludeclips.
20 Pin SMT Connector
PN
Description
1367073-1
15
µinAu
1367073-2
30
µinAu
1658197-1
30
µinAuw/contactsurfacetreatment
1888247-1
30
µinAuSFP+Compliant
1888247-2
15
µinAuSFP+Compliant
Dust Cap
PN
Description
1367147-1
DustCapw/AMPlogo
1367147-3
DustCapw/oAMPlogo
1761394-1
DustCap(NarrowforMultiportcages)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com