Electronic Components Datasheet Search
  English  ▼

X  

1410132-1 Datasheet(PDF) 13 Page - Tyco Electronics

Part # 1410132-1
Description  High Speed Backplane Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410132-1 Datasheet(HTML) 13 Page - Tyco Electronics

Back Button 1410132-1 Datasheet HTML 9Page - Tyco Electronics 1410132-1 Datasheet HTML 10Page - Tyco Electronics 1410132-1 Datasheet HTML 11Page - Tyco Electronics 1410132-1 Datasheet HTML 12Page - Tyco Electronics 1410132-1 Datasheet HTML 13Page - Tyco Electronics 1410132-1 Datasheet HTML 14Page - Tyco Electronics 1410132-1 Datasheet HTML 15Page - Tyco Electronics 1410132-1 Datasheet HTML 16Page - Tyco Electronics 1410132-1 Datasheet HTML 17Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
149
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
5
MULTIGIG RT Tier 2 Connector System
Target Applications
I
High speed telecommunica-
tions equipment
I
Midrange and high-end
servers
I
Networking equipment
I
Blindmate design
I
High speed custom
platforms
I
Mass data storage
I
Rugged, mission-critical
applications
Product Features
I
Excellent performance to
6.25+ Gb/s–
I
High density: 113 contacts
per inch provides 56 contact
pairs per inch for
differential signaling
I
Options include 20.32
[.800] and 25.40 [1.000]
pitch card spacing
I
Modular options for signal,
power, keying and guidance
I
Optimized footprints
I
Robust design
I
Low noise levels
I
Supports differential pair
widths of 6 mils with 9 mil
spacings
I
Single-ended, open pin
field and power wafers
available
The MULTIGIG RT Tier 2
connector is the latest
product release to meet
customer requirements for
high-density and high-
performance two-piece
interconnects. In TE and
independent lab tests,
the MULTIGIG RT Tier 2
connector has performed
in excess of 6 Gb/s using
standard FR-4 board mate-
rial and routing techniques,
and has been demon-
strated to 10 Gb/s.
The MULTIGIG RT Tier 2
connector system provides
the flexibility to configure
the daughtercard for
Differential, Single-ended,
Open Pin Field, or Power
within a single connector
module. All of these options
then mate into a common
Backplane Receptacle.
The robust connector uses
daughtercard plugs with a
printed circuit board (PCB)
wafer design and back-
plane receptacles with a
completely enclosed dual-
beam design. All signal
lines use redundant points
of contact for high reliability.
The MULTIGIG RT Tier 2
connector is available for
both 20.32 [.800] and 25.40
[1.000] pitch card spacing.
The totally modular system
allows flexibility in choosing
signal and power modules
as well as guidance, keying,
and electrostatic discharge
(ESD) modules to meet the
most demanding applica-
tions. Signal modules can
be customized for specific
electrical requirements —
such as sequencing — that
are critical in high speed
applications.
Power modules are available
with two- and four-voltage
options, each circuit capa-
ble of carrying 20 amps.
The robust metal guide pin
provides eight keying
options and a unique ESD
contact to discharge static
when daughtercards are
hot-plugged.
Availability
Fully validated SPICE models: E-mail requests to modeling@te.com
Pro/E models and IGES models: E-mail requests to TECAD@te.com
www.te.com
IGES is a trademark of IAMBA Networks,
Inc.
PRO/E is a trademark of Parametric
Technology Corp.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com