Electronic Components Datasheet Search
  English  ▼

X  

1410125-1 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 1410125-1
Description  High Speed Backplane Connectors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1410125-1 Datasheet(HTML) 5 Page - Tyco Electronics

  1410125-1 Datasheet HTML 1Page - Tyco Electronics 1410125-1 Datasheet HTML 2Page - Tyco Electronics 1410125-1 Datasheet HTML 3Page - Tyco Electronics 1410125-1 Datasheet HTML 4Page - Tyco Electronics 1410125-1 Datasheet HTML 5Page - Tyco Electronics 1410125-1 Datasheet HTML 6Page - Tyco Electronics 1410125-1 Datasheet HTML 7Page - Tyco Electronics 1410125-1 Datasheet HTML 8Page - Tyco Electronics 1410125-1 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
141
Catalog 1773095
Dimensions are shown for
Dimensions are in millimeters
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and inches unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
High Speed Backplane Connectors
5
MULTIGIG RT Connector Products (Continued)
MULTIGIG RT connectors
consist of interlocking left
end and right end signal
modules (half or full), center
signal modules, and stand
alone modules available in
vertical receptacles (back-
plane application) and right
angle plugs (daughtercard
application), and comple-
mentary mechanical guide
assemblies (available in size
10.80 [.425], 9.00 [.354] or
7.20 [.283]. The guide
assembly provides blind
mating and misalignment
for the connectors. The
10.80 [.425] and 9.00 [.354]
guide assembly also
provides keying and is
available with or without
an internal contact for
electrostatic discharge
(ESD) protection.
The modules are capable
of being stacked in any
configuration within the limi-
tations given in this catalog
to a maximum length of 120
between guide assemblies.
These connectors perform
at two separate density
levels: Tier 1 and Tier 2.
The connectors are placed
on the pc board by
manually-operated or
automatic machines.
The modules have 6, 8, or
10 rows of signal contacts
with 20.30 [.800], 25.40
[1.000], or 9.00 [.354]
centerline spacing (profile
size). A right angle plug
module having 7 rows with
20.30 [.800] spacing is also
available for Tier 2 only to
accommodate special
applications used by the
VMEbus International Trade
Association (VITA). The
signal contacts, along with
the ground contacts (in Tier
1 modules only) and ESD
contacts (if using the 10.80
[.425] guide assembly
with ESD contact) provide
sequencing for each group
of modules.
When corresponding with
personnel, use the terminol-
ogy provided to facilitate
your inquiries for information.
Basic terms and features of
this product are provided in
the art below and on the fol-
lowing page.
Vertical Receptacle
(Backplane) Connector
Product Selection Guide
Half
Left End Module
Full
Left End Module
Full
Right End Module
10.8 mm
Guide Pins
7.2 mm
Guide Pin
Stand Alone
Module
Standoff
Center Module
Standoff
Collar
Key
No Key
Half
Right End Module
Standoff
Standoff
Housing
Ground Contact
(In Tier 1 Only)
Mounting Post
With Screw Hole
Mounting Post
With Threads
Mounting
Post
Eye-of-Needle
Compliant Pin
Signal Contact
Polarization Post
Polarization Post
Polarization Rib
Polarization Slot
Polarization Slot
Contact Cavities
VITA, VMEbus, VPX, and VXS are
trademarks of VITA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com