Electronic Components Datasheet Search
  English  ▼

X  

1918802-1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 1918802-1
Description  OPTIPOP R Reel Cleaner
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

1918802-1 Datasheet(HTML) 2 Page - Tyco Electronics

  1918802-1 Datasheet HTML 1Page - Tyco Electronics 1918802-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Disclaimer
While Tyco Electronics Corporation and its affiliates referenced herein (“Tyco Electronics”) have made every reasonable effort to ensure the accuracy of the information in
this catalog, Tyco Electronics does not guarantee that it is error free, nor does Tyco Electronics make any other representation, warranty or guarantee that the information
is accurate, correct reliable or current.
Tyco Electronics reserves the right to make any adjustments to the information contained herein at any time without notice. Tyco Electronics expressly disclaims all
implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantability or fitness for a particular purpose.
Tyco Electronics’ only obligations are those in the Tyco Electronics Standard Terms and Conditions of Sale, and in no case will Tyco Electronics be responsible for any
incidental, indirect, or consequential damages arising from the sale, resale, or misuse of its products. Users should independently evaluate the suitability of, and test each
product for, their application.
PART NUMBERS
PART NUMBERS
1918802-1 MPO w/pins reel cleaner
1918803-1 One slot reel cleaner; 1.25mm, 2.5mm, MT No Pins
1918804-1 MT-RJ plug w/pins reel cleaner
1918805-1 Two slot reel cleaner; 1.25mm and 2.5mm
1918806-1 Reel cleaner refill (six per pack)
OPTIPOP R Reel Cleaner
OPTIPOP R Reel Cleaner
Page 2
PRODUCT DIMENSIONS
PRODUCT DIMENSIONS
Length
127mm [5.00 in]
Width
83mm [3.26 in]
Thickness
48mm [1.89 in]
Weight
150g [0.33 lb]
Reel cleaner refill (six per pack) PN 1918806-1
© 2006 by Tyco Electronics Corporation. All Rights Reserved.
Tyco is a trademark.
OPTIPOP is a trademark of NTT Advanced Technology Corporation.
Other products, logos, and company names mentioned herein may be
trademarks of their respective owners.
6-1773445-9_CC&CE_LH_PDF_12-06



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com