Electronic Components Datasheet Search
  English  ▼

X  

DS30097 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DS30097
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DS30097 Datasheet(HTML) 1 Page - Diodes Incorporated

  DS30097 Datasheet HTML 1Page - Diodes Incorporated DS30097 Datasheet HTML 2Page - Diodes Incorporated DS30097 Datasheet HTML 3Page - Diodes Incorporated DS30097 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1N4148WS / BAV16WS
Document number: DS30097 Rev. 20 - 2
1 of 4
www.diodes.com
March 2012
© Diodes Incorporated
1N4148WS / BAV16WS
SURFACE MOUNT FAST SWITCHING DIODE
Features
•
Fast Switching Speed
•
Small Surface Mount Package
•
For General Purpose Switching Applications
•
Lead Free by Design/RoHS Compliant (Note 1)
•
Halogen and Antimony Free "Green" Device (Notes 2 & 3)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SOD323
•
Case Material: Molded Plastic, “Green” Molding Compound
(Notes 2 & 3). UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals: Matte Tin Finish annealed over Alloy 42 leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Polarity: Cathode Band
•
Weight: 0.006 grams (approximate)
Ordering Information (Notes 4 & 5)
Part Number
Qualification
Case
Packaging
1N4148WS-7-F
Commercial
SOD323
3,000/Tape & Reel
1N4148WSQ-7-F
Automotive
SOD323
3,000/Tape & Reel
1N4148WS-13-F
Commercial
SOD323
10,000/Tape & Reel
BAV16WS-7-F
Commercial
SOD323
3,000/Tape & Reel
Notes:
1. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. No purposely added lead.
2. Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
4. Product manufactured with Date Code OW (week 42, 2009) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code OW are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
5. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
SOD323
XX = Product Type Marking Code, T4 or T6
XX


Similar Part No. - DS30097

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DS3000PE ARTESYN-DS3000PE Datasheet
656Kb / 8P
Distributed Power Bulk Front-end Single Ouptut Standard Total Output Power
logo
Advanced Energy Industr...
DS3000TE ADVANCEDENERGY-DS3000TE Datasheet
1,010Kb / 11P
3000 Watt Front-End AC-DC Power Supply
01 12.23
logo
MTU Onsite Energy Corpo...
DS300D6S MTU-DS300D6S Datasheet
298Kb / 4P
DIESEL GENERATOR SET
logo
Eaton All Rights Reserv...
DS300H2 EATON-DS300H2 Datasheet
1Mb / 28P
Cutler- Hammer
2002
logo
Danisense A/S
DS300ID DANISENSE-DS300ID Datasheet
467Kb / 7P
Ultra-stable, high precision (ppm class) fluxgate technology DS Series current transducer for non-intrusive, isolated DC and AC current measurement up to 500A
2022-11-24
More results

Similar Description - DS30097

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com