Electronic Components Datasheet Search
  English  ▼

X  

AD624 Datasheet(PDF) 3 Page - Analog Devices

Part # AD624
Description  Precision Instrumentation Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD624 Datasheet(HTML) 3 Page - Analog Devices

  AD624 Datasheet HTML 1Page - Analog Devices AD624 Datasheet HTML 2Page - Analog Devices AD624 Datasheet HTML 3Page - Analog Devices AD624 Datasheet HTML 4Page - Analog Devices AD624 Datasheet HTML 5Page - Analog Devices AD624 Datasheet HTML 6Page - Analog Devices AD624 Datasheet HTML 7Page - Analog Devices AD624 Datasheet HTML 8Page - Analog Devices AD624 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
REV. C
–2–
AD624–SPECIFICATIONS
Model
AD624A
AD624B
AD624C
AD624S
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
GAIN
Gain Equation
(External Resistor Gain
Programming)
40, 000
R
G
+ 1
± 20%
40, 000
R
G
+ 1
± 20%
40, 000
R
G
+ 1
± 20%
40, 000
R
G
+ 1
± 20%
Gain Range (Pin Programmable)
1 to 1000
1 to 1000
1 to 1000
1 to 1000
Gain Error
G = 1
±0.05
±0.03
±0.02
±0.05
%
G = 100
±0.25
±0.15
±0.1
±0.25
%
G = 200, 500
±0.5
±0.35
±0.25
±0.5
%
Nonlinearity
G = 1
±0.005
±0.003
±0.001
±0.005 %
G = 100, 200
±0.005
±0.003
±0.001
±0.005 %
G = 500
±0.005
±0.005
±0.005
±0.005 %
Gain vs. Temperature
G = 1
5
5
5
5
ppm/
°C
G = 100, 200
10
10
10
10
ppm/
°C
G = 500
25
15
15
15
ppm/
°C
VOLTAGE OFFSET (May be Nulled)
Input Offset Voltage
200
75
25
75
µV
vs. Temperature
2
0.5
0.25
2.0
µV/°C
Output Offset Voltage
532
3
mV
vs. Temperature
50
25
10
50
µV/°C
Offset Referred to the Input vs. Supply
G = 1
70
75
80
75
dB
G = 100, 200
95
105
110
105
dB
G = 500
100
110
115
110
dB
INPUT CURRENT
Input Bias Current
±50
±25
±15
±50
nA
vs. Temperature
±50
±50
±50
±50
pA/
°C
Input Offset Current
±35
±15
±10
±35
nA
vs. Temperature
±20
±20
±20
±20
pA/
°C
INPUT
Input Impedance
Differential Resistance
10
9
10
9
10
9
10
9
Ω
Differential Capacitance
10
10
10
10
pF
Common-Mode Resistance
10
9
10
9
10
9
10
9
Ω
Common-Mode Capacitance
10
10
10
10
pF
Input Voltage Range
1
Max Differ. Input Linear (VDL)
±10
±10
±10
±10
V
Max Common-Mode Linear (VCM)
12 V
−
G
2
× V
D


12 V
−
G
2
× V
D


12 V
−
G
2
× V
D


12 V
−
G
2
× V
D


V
Common-Mode Rejection dc
to 60 Hz with 1 k
Ω Source Imbalance
G = 1
70
75
80
70
dB
G = 100, 200
100
105
110
100
dB
G = 500
110
120
130
110
dB
OUTPUT RATING
V
OUT
, RL = 2 k
Ω±10
±10
±10
±10
V
DYNAMIC RESPONSE
Small Signal –3 dB
G = 1
111
1
MHz
G = 100
150
150
150
150
kHz
G = 200
100
100
100
100
kHz
G = 500
50
50
50
50
kHz
G = 1000
25
25
25
25
kHz
Slew Rate
5.0
5.0
5.0
5.0
V/
µs
Settling Time to 0.01%, 20 V Step
G = 1 to 200
15
15
15
15
µs
G = 500
35
35
35
35
µs
G = 1000
75
75
75
75
µs
NOISE
Voltage Noise, 1 kHz
R.T.I.
4
4
4
4
nV/
√Hz
R.T.O.
75
75
75
75
nV/
√Hz
R.T.I., 0.1 Hz to 10 Hz
G = 1
101010
10
µV p-p
G = 100
0.3
0.3
0.3
0.3
µV p-p
G = 200, 500, 1000
0.2
0.2
0.2
0.2
µV p-p
Current Noise
0.1 Hz to 10 Hz
60
60
60
60
pA p-p
SENSE INPUT
RIN
8
10
12
8
10
12
8
10
12
8
10
12
k
Ω
IIN
30
30
30
30
µA
Voltage Range
±10
±10
±10
±10
V
Gain to Output
1
1
1
1
%
(@ VS =
15 V, RL = 2 k
and TA = +25 C, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com