Electronic Components Datasheet Search
  English  ▼

X  

AD812 Datasheet(PDF) 16 Page - Analog Devices

Part # AD812
Description  Dual, Current Feedback Low Power Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD812 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD812 Datasheet HTML 8Page - Analog Devices AD812 Datasheet HTML 9Page - Analog Devices AD812 Datasheet HTML 10Page - Analog Devices AD812 Datasheet HTML 11Page - Analog Devices AD812 Datasheet HTML 12Page - Analog Devices AD812 Datasheet HTML 13Page - Analog Devices AD812 Datasheet HTML 14Page - Analog Devices AD812 Datasheet HTML 15Page - Analog Devices AD812 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
AD812
REV. B
–16–
Operation Using a Single Supply
The AD812 will operate with total supply voltages from 36 V
down to 2.4 V. With proper biasing (see Figure 53), it can be an
outstanding single supply video amplifier. Since the input and
output voltage ranges extend to within 1 volt of the supply rails,
it will handle a 1.3 V p-p signal on a single 3.3 V supply, or a
3 V p-p signal on a single 5 V supply. The small signal, 0.1 dB
bandwidths will exceed 10 MHz in either case, and the large
signal bandwidths will exceed 6 MHz.
The capacitively coupled cable driver in Figure 53 will achieve
outstanding differential gain and phase errors of 0.07% and 0.06
degrees respectively on a single 5 V supply. Resistor R2, in this
circuit, is selected to optimize the differential gain and phase by
operating the amplifier in its most linear region. To optimize the
circuit for a 3 V supply, a value of 8 k
Ω is recommended for R2.
AD812
8
4
VIN
R2
11.8k
VOUT
75
75
+VS
R3
1k
75
CABLE
R1
9k
C1
2 F
C3
30 F
649
649
COUT
47 F
C2
1 F
Figure 53. Biasing for Single Supply Operation
8-Lead Plastic DIP
(N-8)
8
14
5
PIN 1
SEATING
PLANE
0.060 (1.52)
0.015 (0.38)
0.165
0.01
(4.19
0.25)
0.10
(2.54)
BSC
0.325 (8.25)
0.300 (7.62)
0.015 (0.381)
0.008 (0.204)
0.195 (4.95)
0.115 (2.93)
0.39 (9.91)
0.25
(6.35)
0.125 (3.18)
MIN
0.018
0.003
(0.46 +0.08)
0.033 (0.84)
NOM
8-Lead Plastic SOIC
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
85
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
–0.5
–3.0
1
10
1000
100
–1.0
–1.5
–2.0
–2.5
0
0.5
–270
–180
–90
0
FREQUENCY – MHz
–3.5
VS = 5V
90
GAIN
PHASE
Figure 54. Closed-Loop Gain and Phase vs. Frequency,
Circuit of Figure 53
10
90
100
0%
500mV
1V
50ns
VIN
VOUT
Figure 55. Pulse Response of the Circuit of Figure 53 with
VS = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com