Electronic Components Datasheet Search
  English  ▼

X  

AD7440 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7440
Description  Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7440 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7440 Datasheet HTML 8Page - Analog Devices AD7440 Datasheet HTML 9Page - Analog Devices AD7440 Datasheet HTML 10Page - Analog Devices AD7440 Datasheet HTML 11Page - Analog Devices AD7440 Datasheet HTML 12Page - Analog Devices AD7440 Datasheet HTML 13Page - Analog Devices AD7440 Datasheet HTML 14Page - Analog Devices AD7440 Datasheet HTML 15Page - Analog Devices AD7440 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7440/AD7450A
Rev. C | Page 12 of 28
AD7440/AD7450A–TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, fS = 1 MSPS, fSCLK = 18 MHz, unless otherwise noted.
75
70
65
60
55
10
100
1000
FREQUENCY (kHz)
VDD = 5.25V
VDD = 4.75V
VDD = 3.6V
VDD = 2.7V
Figure 7. AD7450A SINAD vs. Analog Input Frequency for Various
Supply Voltages
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
10
1000
100
10000
FREQUENCY (kHz)
VDD = 3V
VDD = 5V
Figure 8. CMRR vs. Frequency for VDD = 5 V and 3 V
0
–120
–20
–40
–60
–80
–100
0
100
200
300
400
500
600
700
800
900
1000
SUPPLY RIPPLE FREQUENCY (kHz)
100mV p-p SINEWAVE ON VDD
NO DECOUPLING ON VDD
VDD = 3V
VDD = 5V
Figure 9. PSRR vs. Supply Ripple Frequency without Supply Decoupling
0
–140
–120
–100
–80
–60
–40
–20
0
100
200
300
400
500
FREQUENCY (kHz)
8192 POINT FFT
fSAMPLE = 1MSPS
fIN = 100kSPS
SINAD = +71.7dB
THD = –82dB
SFDR = –83dB
Figure 10. AD7450A Dynamic Performance with VDD = 5 V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
1024
2048
3072
4096
CODE
Figure 11. Typical DNL for the AD7450A for VDD = 5 V
1.0
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
0
1024
2048
3072
4096
CODE
Figure 12. Typical INL for the AD7450A for VDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com