Electronic Components Datasheet Search
  English  ▼

X  

AD5541 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5541
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5541 Datasheet HTML 8Page - Analog Devices AD5541 Datasheet HTML 9Page - Analog Devices AD5541 Datasheet HTML 10Page - Analog Devices AD5541 Datasheet HTML 11Page - Analog Devices AD5541 Datasheet HTML 12Page - Analog Devices AD5541 Datasheet HTML 13Page - Analog Devices AD5541 Datasheet HTML 14Page - Analog Devices AD5541 Datasheet HTML 15Page - Analog Devices AD5541 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
AD5512A/AD5542A
Rev. A | Page 12 of 24
2µs/DIV
VREF = 2.5V
VDD = 5V
TA = 25°C
DIN (5V/DIV)
VOUT (50mV/DIV)
10
100
90
0
Figure 19. AD5512A/AD5542A Digital Feedthrough
1.236
1.234
1.232
1.230
1.228
1.226
1.224
–0.5
0
0.5
1.0
1.5
2.0
5
0
–5
–10
–15
–20
–25
–30
TIME (ns)
VOUT
CS
Figure 20. AD5512A/AD5542A Digital-to-Analog Glitch Impulse
2µs/DIV
VREF = 2.5V
VDD = 5V
TA = 25°C
200pF
10pF
50pF
100pF
100
CS (5V/DIV)
VOUT (0.5V/DIV)
10
90
0
Figure 21. AD5512A/AD5542A Large Signal Settling Time
0.5µs/DIV
VREF = 2.5V
VDD = 5V
TA = 25°C
100
VOUT (1V/DIV)
VOUT (50mV/DIV)
GAIN = –216
1LSB = VREF/(2N)–1
10
90
0
Figure 22. AD5512A/AD5542A Small Signal Settling Time
5
4
3
2
1
0
90
100
110
120
IDD SUPPLY (µA)
+125°C
+25°C
–55°C
Figure 23. AD5512A/AD5542A Analog Supply Current Histogram
6
5
4
3
2
1
0
15
16
17
18
19
ILOGIC AT RAILS (µA)
+125°C
+25°C
–55°C
Figure 24. AD5512A/AD5542A Digital Supply Current Histogram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com