Electronic Components Datasheet Search
  English  ▼

X  

AD5064 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5064
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5064 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5064 Datasheet HTML 15Page - Analog Devices AD5064 Datasheet HTML 16Page - Analog Devices AD5064 Datasheet HTML 17Page - Analog Devices AD5064 Datasheet HTML 18Page - Analog Devices AD5064 Datasheet HTML 19Page - Analog Devices AD5064 Datasheet HTML 20Page - Analog Devices AD5064 Datasheet HTML 21Page - Analog Devices AD5064 Datasheet HTML 22Page - Analog Devices AD5064 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD5512A/AD5542A
Rev. A | Page 19 of 24
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consider-
ation of the power supply and ground return layout helps to
ensure the rated performance. Design the printed circuit board
(PCB) on which the AD5512A/AD5542A is mounted so that
the analog and digital sections are separated and confined to
certain areas of the board. If the AD5512A/AD5542A are in a
system where multiple devices require an analog ground-to-
digital ground connection, make the connection at one point
only. Establish the star ground point as close as possible to the
device.
The AD5512A/AD5542A should have ample supply bypassing
of 10 μF in parallel with 0.1 μF on each supply located as close
to the package as possible, ideally right up against the device.
The 10 μF capacitors are the tantalum bead type. The 0.1 μF
capacitor should have low effective series resistance (ESR)
and low effective series inductance (ESI), such as the common
ceramic types, which provide a low impedance path to ground
at high frequencies to handle transient currents due to internal
logic switching.
GALVANICALLY ISOLATED INTERFACE
In many process control applications, it is necessary to provide
an isolation barrier between the controller and the unit being
controlled to protect and isolate the controlling circuitry
from any hazardous common-mode voltages that may occur.
i
Coupler® products from Analog Devices provide voltage
isolation in excess of 2.5 kV. The serial loading structure
of the AD5512A/AD5542A makes the parts ideal for isolated
interfaces because the number of interface lines is kept to a
minimum. Figure 38 shows a 4-channel isolated interface to
the AD5512A/AD5542A using an ADuM1400. For further
information, visit http://www.analog.com/icouplers.
ENCODE
SERIAL
CLOCK IN
CONTROLLER
ADuM14001
SERIAL
DATA OUT
SYNC OUT
LOAD DAC
OUT
DECODE
TO
SCLK
TO
DIN
TO
CS
TO
LDAC
VIA
VOA
ENCODE
DECODE
VIB
VOB
ENCODE
DECODE
VIC
VOC
ENCODE
DECODE
VID
VOD
1ADDITIONAL PINS OMITTED FOR CLARITY.
Figure 38. Isolated Interface
DECODING MULTIPLE DACS
The CS pin of the AD5512A/AD5542A can be used to select
one of a number of DACs. All devices receive the same serial
clock and serial data, but only one device receives the CS signal
at any one time. The DAC addressed is determined by the
decoder. There is some digital feedthrough from the digital
input lines. Using a burst clock minimizes the effects of digital
feedthrough on the analog signal channels. Figure 39 shows a
typical circuit.
AD5512A/
AD5542A
CS
DIN
SCLK
VOUT
AD5512A/
AD5542A
CS
DIN
SCLK
VOUT
AD5512A/
AD5542A
CS
DIN
SCLK
VOUT
AD5512A/
AD5542A
CS
DIN
SCLK
VOUT
VDD
DGND
EN
CODED
ADDRESS
SCLK
DIN
ENABLE
DECODER
Figure 39. Addressing Multiple DACs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com