Electronic Components Datasheet Search
  English  ▼

X  

AD5764 Datasheet(PDF) 13 Page - Analog Devices

Part # AD5764
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 12-/16-Bit DAC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5764 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD5764 Datasheet HTML 9Page - Analog Devices AD5764 Datasheet HTML 10Page - Analog Devices AD5764 Datasheet HTML 11Page - Analog Devices AD5764 Datasheet HTML 12Page - Analog Devices AD5764 Datasheet HTML 13Page - Analog Devices AD5764 Datasheet HTML 14Page - Analog Devices AD5764 Datasheet HTML 15Page - Analog Devices AD5764 Datasheet HTML 16Page - Analog Devices AD5764 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD5512A/AD5542A
Rev. A | Page 13 of 24
10
5
0
–5
0
20
40
60
80
100
120
FREQUENCY (Hz)
VDD = 5V
VREF = 2.5V
TA = 25°C
DATA = 0x0000
Figure 25. AD5512A/AD5542A 0.1 Hz to 10 Hz Output Noise
40
35
30
25
20
15
10
5
0
600
700
800
900
1000
1200
1100
1300
1400
FREQUENCY (Hz)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 26. AD5512A/AD5542A Noise Spectral Density vs. Frequency,1 kHz
14
12
10
8
6
4
2
0
9600
9700
9800
9900
10,000
10,200
10,100
10,300 10,400
FREQUENCY (Hz)
VDD = 5V
VREF = 2.5V
TA = 25°C
Figure 27. AD5512A/AD5542A Noise Spectral Density vs. Frequency, 10 kHz
40
20
0
–20
–40
–60
–80
–100
0
10,000
20,000
30,000
40,000
60,000
50,000
70,000
FREQUENCY (Hz)
VDD = 5V
VREF = 5V
TA = 25°C
Figure 28. AD5512A/AD5542A Total Harmonic Distortion
10
0
–20
–10
–30
–40
–50
–60
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VDD = 5V
VREF = 2.5V ± 0.2V
Figure 29. AD5512A/AD5542A Multiplying Bandwidth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com