Electronic Components Datasheet Search
  English  ▼

X  

AD7653 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7653
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7653 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7653 Datasheet HTML 6Page - Analog Devices AD7653 Datasheet HTML 7Page - Analog Devices AD7653 Datasheet HTML 8Page - Analog Devices AD7653 Datasheet HTML 9Page - Analog Devices AD7653 Datasheet HTML 10Page - Analog Devices AD7653 Datasheet HTML 11Page - Analog Devices AD7653 Datasheet HTML 12Page - Analog Devices AD7653 Datasheet HTML 13Page - Analog Devices AD7653 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD7654
Rev. B | Page 10 of 28
Pin No.
Mnemonic
Type1
Description
35
CNVST
DI
Start Conversion. A falling edge on CNVST puts the internal sample-and-hold into the hold state and
initiates a conversion. In impulse mode (IMPULSE = HIGH), if CNVST is held LOW when the acquisition
phase (t8) is complete, the internal sample-and-hold is put into the hold state and a conversion is
immediately started.
37
REF
AI
This input pin is used to provide a reference to the converter.
38
REFGND
AI
Reference Input Analog Ground.
39, 41
INB1, INB2
AI
Channel B Analog Inputs.
40, 45
INBN, INAN
AI
Analog Inputs Ground Senses. Allow to sense each channel ground independently.
42, 43
REFB, REFA
AI
These inputs are the references applied to Channel A and Channel B, respectively.
44, 46
INA2, INA1
AI
Channel A Analog Inputs.
1 AI = analog input; DI = digital input; DI/O = bidirectional digital; DO = digital output; P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com