Electronic Components Datasheet Search
  English  ▼

X  

AD7665 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7665
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7665 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7665 Datasheet HTML 8Page - Analog Devices AD7665 Datasheet HTML 9Page - Analog Devices AD7665 Datasheet HTML 10Page - Analog Devices AD7665 Datasheet HTML 11Page - Analog Devices AD7665 Datasheet HTML 12Page - Analog Devices AD7665 Datasheet HTML 13Page - Analog Devices AD7665 Datasheet HTML 14Page - Analog Devices AD7665 Datasheet HTML 15Page - Analog Devices AD7665 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
AD7654
Rev. B | Page 12 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
CODE
–1
–5
–3
65535
0
–2
–4
32768
16384
49152
0
1
2
3
4
5
Figure 5. Integral Nonlinearity vs. Code
CODE IN HEX
7FBF
0
8000
6000
4000
2000
0
7000
3000
1000
5000
7FC0
0
7FC1
14
7FC2
953
7FC3
7288
7FC4
7220
7FC5
903
7FC6
6
7FC7
0
7FC8
0
Figure 6. Histogram of 16,384 Conversions of a DC Input at the
Code Transition
FREQUENCY (kHz)
–120
–160
150
0
–140
100
50
125
–100
–80
–60
–40
–20
0
25
75
175
200
225
250
8192 POINT FFT
fS = 500kHz
fIN = 100kHz, –0.5dB
SNR = 89.9dB
SINAD = 89.4dB
THD = –99.3dB
Figure 7. FFT Plot
CODE
–3
0
–2
16384
32768
–1
0
1
2
3
49152
65535
Figure 8. Differential Nonlinearity vs. Code
CODE IN HEX
8000
7FC0
0
7000
4000
2000
0
6000
3000
1000
5000
7FC1 7FC2 7FC3
176
7FC4 7FC5
132
7FC6 7FC7
00
7FBF
0
9366
9000
10000
3411
3299
Figure 9. Histogram of 16,384 Conversions of a DC Input at the
Code Center
TEMPERATURE (°C)
96
84
90
25
125
–55
93
87
–35
65
45
5
105
–15
85
–98
–106
–102
–100
–104
SNR
THD
Figure 10. SNR, THD vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com