Electronic Components Datasheet Search
  English  ▼

X  

AD8638 Datasheet(PDF) 18 Page - Analog Devices

Part # AD8638
Description  16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8638 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD8638 Datasheet HTML 12Page - Analog Devices AD8638 Datasheet HTML 13Page - Analog Devices AD8638 Datasheet HTML 14Page - Analog Devices AD8638 Datasheet HTML 15Page - Analog Devices AD8638 Datasheet HTML 16Page - Analog Devices AD8638 Datasheet HTML 17Page - Analog Devices AD8638 Datasheet HTML 18Page - Analog Devices AD8638 Datasheet HTML 19Page - Analog Devices AD8638 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD8638/AD8639
Rev. F | Page 18 of 20
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
Branding
AD8638ARJZ-R2
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1T
AD8638ARJZ-REEL
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1T
AD8638ARJZ-REEL7
−40°C to +125°C
5-Lead SOT-23
RJ-5
A1T
AD8638ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8638ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8638ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639ACPZ-R2
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-5
A1Y
AD8639ACPZ-REEL
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-5
A1Y
AD8639ACPZ-REEL7
−40°C to +125°C
8-Lead LFCSP_WD
CP-8-5
A1Y
AD8639ARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639ARZ-REEL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639ARZ-REEL7
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639ARMZ
−40°C to +125°C
8-Lead MSOP
RM-8
A1Y
AD8639ARMZ-REEL
−40°C to +125°C
8-Lead MSOP
RM-8
A1Y
AD8639ARMZ-R7
−40°C to +125°C
8-Lead MSOP
RM-8
A1Y
AD8639WARZ
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639WARZ-RL
−40°C to +125°C
8-Lead SOIC_N
R-8
AD8639WARZ-R7
−40°C to +125°C
8-Lead SOIC_N
R-8
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The AD8639W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com