Electronic Components Datasheet Search
  English  ▼

X  

AD7676 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7676
Description  16-Bit, 500 kSPS PulSAR Dual, 2-Channel, Simultaneous Sampling ADC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7676 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7676 Datasheet HTML 7Page - Analog Devices AD7676 Datasheet HTML 8Page - Analog Devices AD7676 Datasheet HTML 9Page - Analog Devices AD7676 Datasheet HTML 10Page - Analog Devices AD7676 Datasheet HTML 11Page - Analog Devices AD7676 Datasheet HTML 12Page - Analog Devices AD7676 Datasheet HTML 13Page - Analog Devices AD7676 Datasheet HTML 14Page - Analog Devices AD7676 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD7654
Rev. B | Page 11 of 28
TERMINOLOGY
Integral Nonlinearity Error (INL)
Linearity error refers to the deviation of each individual code
from a line drawn from negative full scale through positive full
scale. The point used as negative full scale occurs ½ LSB before
the first code transition. Positive full scale is defined as a level
1½ LSB beyond the last code transition. The deviation is
measured from the middle of each code to the true straight line.
Differential Nonlinearity Error (DNL)
In an ideal ADC, code transitions are 1 LSB apart. Differential
nonlinearity is the maximum deviation from this ideal value. It
is often specified in terms of resolution for which no missing
codes are guaranteed.
Full-Scale Error
The last transition (from 111. . .10 to 111. . .11) should occur
for an analog voltage 1½ LSB below the nominal full scale
(4.999886 V for the 0 V to 5 V range). The full-scale error is
the deviation of the actual level of the last transition from the
ideal level.
Unipolar Zero Error
The first transition should occur at a level ½ LSB above analog
ground (76.29 μV for the 0 V to 5 V range). The unipolar zero
error is the deviation of the actual transition from that point.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to the
rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and is
expressed in decibels.
Signal-to-Noise and Distortion Ratio (SINAD)
SINAD is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, including harmonics but excluding dc. The value for
SINAD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
The difference, in decibels, between the rms amplitude of the
input signal and the peak spurious signal.
Effective Number of Bits (ENOB)
ENOB is a measurement of the resolution with a sine wave
input. It is related to SINAD and expressed in bits by
ENOB = ((SINADdB − 1.76)/6.02)
and is expressed in bits.
Aperture Delay
Aperture delay is a measure of acquisition performance and is
measured from the falling edge of the CNVST input to when
the input signals are held for a conversion.
Transient Response
The time required for the AD7654 to achieve its rated accuracy
after a full-scale step function is applied to its input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com