Electronic Components Datasheet Search
  English  ▼

X  

AD9523BCPZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD9523BCPZ
Description  Jitter Cleaner and Clock Generator with 14 Differential or 29 LVCMOS Outputs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9523BCPZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9523BCPZ Datasheet HTML 23Page - Analog Devices AD9523BCPZ Datasheet HTML 24Page - Analog Devices AD9523BCPZ Datasheet HTML 25Page - Analog Devices AD9523BCPZ Datasheet HTML 26Page - Analog Devices AD9523BCPZ Datasheet HTML 27Page - Analog Devices AD9523BCPZ Datasheet HTML 28Page - Analog Devices AD9523BCPZ Datasheet HTML 29Page - Analog Devices AD9523BCPZ Datasheet HTML 30Page - Analog Devices AD9523BCPZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
Data Sheet
AD9523
Rev. C | Page 27 of 60
Reset to Settings in EEPROM when EEPROM Pin = 0 via the
Serial Port
The serial port control register allows the chip to be reset to settings
in EEPROM when the EEPROM pin = 1 via Register 0xB02, Bit 1.
This bit is self-clearing. This bit does not have any effect when the
EEPROM pin = 0. It takes ~40 ms for the outputs to begin toggling
after the Soft_EEPROM register is cleared.
POWER-DOWN MODE
Chip Power-Down via PD
Place the AD9523 into a power-down mode by pulling the PD pin
low. Power-down turns off most of the functions and currents
inside the AD9523. The chip remains in this power-down state
until PD is returned to a logic high state. When taken out of power-
down mode, the AD9523 returns to the settings programmed into
its registers prior to the power-down, unless the registers are
changed by new programming while the PD pin is held low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com