Electronic Components Datasheet Search
  English  ▼

X  

AD9739BBCZRL Datasheet(PDF) 33 Page - Analog Devices

Part # AD9739BBCZRL
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCZRL Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9739BBCZRL Datasheet HTML 29Page - Analog Devices AD9739BBCZRL Datasheet HTML 30Page - Analog Devices AD9739BBCZRL Datasheet HTML 31Page - Analog Devices AD9739BBCZRL Datasheet HTML 32Page - Analog Devices AD9739BBCZRL Datasheet HTML 33Page - Analog Devices AD9739BBCZRL Datasheet HTML 34Page - Analog Devices AD9739BBCZRL Datasheet HTML 35Page - Analog Devices AD9739BBCZRL Datasheet HTML 36Page - Analog Devices AD9739BBCZRL Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 48 page
background image
Data Sheet
AD9739
Rev. B | Page 33 of 48
After the mu controller completes its search and establishes lock
on the target mu phase, it attempts to maintain a constant timing
relationship between the two clock domains over the specified
temperature and supply range. If the mu controller requests a
mu delay setting that exceeds the tapped delay line range (that
is, <0 or >432), the mu controller can lose lock, causing possible
system disruption (that is, can generate IRQ or restart the search).
To avoid this scenario, symmetrical guard bands are recommended
at each end of the mu delay range. The guard band scaling is
such that one LSB of Guard[4:0] (Register 0x29) corresponds to
eight LSBs of MUDEL (Register 0x28). The recommended guard
band setting of 11 (that is, Register 0x29 = 0xCB) corresponds
to 88 LSBs, thus providing sufficient margin.
Mu Controller Initialization Description
The mu controller must be initialized and placed into track
mode as a first step in the SPI boot sequence. The following
steps are required for initialization of the mu controller. Note
that the AD9739 data sheet specifications and characterization
data are based on the following mu controller settings:
1.
Turn on the phase detector with boost (Register 0x24 = 0x30).
2.
Enable the mu delay controller duty-cycle correction
circuitry and specify the recommended slope for phase.
(that is, Register 0x25 = 0x80 corresponds to a negative slope).
3.
Specify search/track mode with a recommended target
phase, SET_PHS, of 6 (for example) and an initial
MUDEL[8:0] setting of 216 (Register 0x27 = 0x46 and
Register 0x28 = 0x6C).
4.
Set search tolerance to exact and retry if the search fails
its initial attempt. Also, set the guard band to the
recommended setting of 11 (Register 0x29 = 0xCB).
5.
Set the mu controller tracking gain to the recommended
setting and enable the mu controller state machine
(Register 0x26 = 0x03).
Upon completion of the last step, the mu controller begins a
search algorithm that starts with an initial delay setting specified
by the MUDEL register (that is, 216, which corresponds to the
midpoint of the delay line). The initial search algorithm works
by sweeping through different mu delay values in an alternating
manner until the desired phase (that is, a SET_PHS of 4) is
exactly measured. When the desired phase is measured, the
slope of the phase measurement is then calculated and
compared against the specified slope (slope = negative).
If everything matches, the search algorithm is finished. If not,
the search continues in both directions until an exact match can
be found or a programmable guard band is reached in one of
the directions. When the guard band is reached, the search still
continues but only in the opposite direction. If the desired phase is
not found before the guard band is reached in the second direction,
the search changes back to the alternating mode and continues
looking within the guard band. The typical locking time for the mu
controller is approximately 180K DAC cycles (at 2 GSPS ~ 75 μs).
The search fails if the mu delay controller reaches the endpoints.
The mu controller can be configured to retry (Register 0x29, Bit 6)
the search or stop. For applications that have a microcontroller,
the preferred approach is to poll the MU_LKD status bit
(Register 0x2A, Bit 0) after the typical locking time has expired.
This method allows the system controller to check the status of
other system parameters (that is, power supplies and clock source)
before reattempting the search (by writing 0x03 to Register 0x26).
For applications that do not have polling capabilities, the mu
controller state machine should be reconfigured to restart the
search in hopes that the system’s condition that did not cause
locking on the first attempt has disappeared.
Once the mu delay value is found that exactly matches the desired
mu phase setting and slope (for example, 6 with a negative.
slope), the mu controller goes into track mode. In this mode,
the mu controller makes slight adjustments to the delay value
to track any variations between the two clock paths due to
temperature, time, and supply variations. Two status bits,
MU_LKD (Register 0x2A, Bit 0) and MU_LST (Register 0x2A,
Bit 1) are available to the user to signal the existing status control
loop. If the current phase is more than four steps away from the
desired phase, the MU_LKD bit is cleared, and if the lock
acquired was previously set, the MU_LST bit is set. Should the
phase deviation return to within three steps, the MU_LKD bit is
set again while the MU_LST is cleared. Note that this sort of event
may occur if the main clock input (that is, DACCLK) is disrupted
or the mu controller exceeds the tapped delay line range (that is,
<0 or >432).
If lock is lost, the mu controller has the option of remaining in
the tracking loop or resetting and starting the search again via
the CONTRST bit (Register 0x29, Bit 5). Continued tracking is
the preferred state because it is the least disruptive to a system
in which the AD9739 temporarily loses lock. The user can poll
the mu delay and phase value by first setting the read bit high
(Register 0x26, Bit 3). Once the read bit is set, the MUDEL[8:0]
bits and the SET_PHS[4:0] bits (Register 0x27 and Register 0x28)
that the controller is currently using can be read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com