Electronic Components Datasheet Search
  English  ▼

X  

AD9742ACPZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD9742ACPZ
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742ACPZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9742ACPZ Datasheet HTML 9Page - Analog Devices AD9742ACPZ Datasheet HTML 10Page - Analog Devices AD9742ACPZ Datasheet HTML 11Page - Analog Devices AD9742ACPZ Datasheet HTML 12Page - Analog Devices AD9742ACPZ Datasheet HTML 13Page - Analog Devices AD9742ACPZ Datasheet HTML 14Page - Analog Devices AD9742ACPZ Datasheet HTML 15Page - Analog Devices AD9742ACPZ Datasheet HTML 16Page - Analog Devices AD9742ACPZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
Data Sheet
AD9742
Rev. C | Page 13 of 32
REFERENCE CONTROL AMPLIFIER
The AD9742 contains a control amplifier that is used to regulate
the full-scale output current, IOUTFS. The control amplifier is
configured as a V-I converter, as shown in Figure 24, so that its
current output, IREF, is determined by the ratio of the VREFIO and
an external resistor, RSET, as stated in Equation 4. IREF is copied
to the segmented current sources with the proper scale factor to
set IOUTFS, as stated in Equation 3.
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5 µA and 625 µA. The wide adjustment span of IOUTFS
provides several benefits. The first relates directly to the power
dissipation of the AD9742, which is proportional to IOUTFS (see
the Power Dissipation section). The second relates to the 20 dB
adjustment, which is useful for system gain control purposes.
The small signal bandwidth of the reference control amplifier is
approximately 500 kHz and can be used for low frequency small
signal multiplying applications.
DAC TRANSFER FUNCTION
Both DACs in the AD9742 provide complementary current
outputs, IOUTA and IOUTB. IOUTA provides a near full-scale
current output, IOUTFS, when all bits are high (i.e., DAC CODE =
4095), while IOUTB, the complementary output, provides no
current. The current output appearing at IOUTA and IOUTB is
a function of both the input code and IOUTFS and can be
expressed as:
(
)
OUTFS
I
CODE
DAC
IOUTA
×
=
4096
/
(1)
(
)
OUTFS
I
CODE
DAC
IOUTB
×
−
=
/4096
4095
(2)
where DAC CODE = 0 to 4095 (i.e., decimal representation).
As mentioned previously, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage,
VREFIO, and external resistor, RSET. It can be expressed as:
REF
OUTFS
I
I
×
= 32
(3)
where
SET
REFIO
REF
R
V
I
/
=
(4)
The two current outputs will typically drive a resistive load
directly or via a transformer. If dc coupling is required, IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, that are tied to analog common, ACOM. Note that
RLOAD may represent the equivalent load resistance seen by
IOUTA or IOUTB as would be the case in a doubly terminated
50 Ω or 75 Ω cable. The single-ended voltage output appearing
at the IOUTA and IOUTB nodes is simply
LOAD
OUTA
R
IOUTA
V
×
=
(5)
LOAD
OUTB
R
IOUTB
V
×
=
(6)
Note that the full-scale value of VOUTA and VOUTB should not exceed
the specified output compliance range to maintain specified
distortion and linearity performance.
(
)
LOAD
DIFF
R
IOUTB
IOUTA
V
×
−
=
(7)
Substituting the values of IOUTA, IOUTB, IREF, and VDIFF can be
expressed as:
(
)
{
}
(
)
REFIO
SET
LOAD
DIFF
V
R
R
CODE
DAC
V
×
×
−
×
=
/
32
4096
/
4095
2
(8)
Equations 7 and 8 highlight some of the advantages of operating
the AD9742 differentially. First, the differential operation helps
cancel common-mode error sources associated with IOUTA
and IOUTB, such as noise, distortion, and dc offsets. Second,
the differential code-dependent current and subsequent voltage,
VDIFF, is twice the value of the single-ended voltage output (i.e.,
VOUTA or VOUTB), thus providing twice the signal power to the load.
Note that the gain drift temperature performance for a single-
ended (VOUTA and VOUTB) or differential output (VDIFF) of the
AD9742 can be enhanced by selecting temperature tracking
resistors for RLOAD and RSET due to their ratiometric relationship,
as shown in Equation 8.
ANALOG OUTPUTS
The complementary current outputs in each DAC, IOUTA,
and IOUTB may be configured for single-ended or differential
operation. IOUTA and IOUTB can be converted into comple-
mentary single-ended voltage outputs, VOUTA and VOUTB, via a
load resistor, RLOAD, as described in the DAC Transfer Function
section by Equations 5 through 8. The differential voltage, VDIFF,
existing between VOUTA and VOUTB, can also be converted to a
single-ended voltage via a transformer or differential amplifier
configuration. The ac performance of the AD9742 is optimum and
specified using a differential transformer-coupled output in which
the voltage swing at IOUTA and IOUTB is limited to ±0.5 V.
The distortion and noise performance of the AD9742 can be
enhanced when it is configured for differential operation. The
common-mode error sources of both IOUTA and IOUTB can
be significantly reduced by the common-mode rejection of a
transformer or differential amplifier. These common-mode
error sources include even-order distortion products and noise.
The enhancement in distortion performance becomes more
significant as the frequency content of the reconstructed
waveform increases and/or its amplitude decreases. This is due
to the first-order cancellation of various dynamic common-
mode distortion mechanisms, digital feedthrough, and noise.
Performing a differential-to-single-ended conversion via a
transformer also provides the ability to deliver twice the
reconstructed signal power to the load (assuming no source
termination). Since the output currents of IOUTA and IOUTB
are complementary, they become additive when processed
differentially. A properly selected transformer will allow the
AD9742 to provide the required power and voltage levels to
different loads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com