Electronic Components Datasheet Search
  English  ▼

X  

AD9742ARURL7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9742ARURL7
Description  12-Bit, 210 MSPS TxDAC Digital-to-Analog Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9742ARURL7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9742ARURL7 Datasheet HTML 11Page - Analog Devices AD9742ARURL7 Datasheet HTML 12Page - Analog Devices AD9742ARURL7 Datasheet HTML 13Page - Analog Devices AD9742ARURL7 Datasheet HTML 14Page - Analog Devices AD9742ARURL7 Datasheet HTML 15Page - Analog Devices AD9742ARURL7 Datasheet HTML 16Page - Analog Devices AD9742ARURL7 Datasheet HTML 17Page - Analog Devices AD9742ARURL7 Datasheet HTML 18Page - Analog Devices AD9742ARURL7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
Data Sheet
AD9742
Rev. C | Page 15 of 32
DAC TIMING
Input Clock and Data Timing Relationship
Dynamic performance in a DAC is dependent on the relationship
between the position of the clock edges and the time at which
the input data changes. The AD9742 is rising edge triggered,
and so exhibits dynamic performance sensitivity when the data
transition is close to this edge. In general, the goal when applying
the AD9742 is to make the data transition close to the falling
clock edge. This becomes more important as the sample rate
increases. Figure 27 shows the relationship of SFDR to clock
placement with different sample rates. Note that at the lower
sample rates, more tolerance is allowed in clock placement,
while at higher rates, more care must be taken.
–3
–2
2
–1
0
1
65
75
ns
3
55
45
35
60
70
50
40
50MHz SFDR
20MHz SFDR
50MHz SFDR
Figure 27. SFDR vs. Clock Placement @ fOUT = 20 MHz and 50 MHz
Sleep Mode Operation
The AD9742 has a power-down function that turns off the
output current and reduces the supply current to less than 6 mA
over the specified supply range of 2.7 V to 3.6 V and temperature
range. This mode can be activated by applying a Logic Level 1
to the SLEEP pin. The SLEEP pin logic threshold is equal to 0.5 Ω
AVDD. This digital input also contains an active pull-down circuit
that ensures that the AD9742 remains enabled if this input is
left disconnected. The AD9742 takes less than 50 ns to power
down and approximately 5 µs to power back up.
POWER DISSIPATION
The power dissipation, PD, of the AD9742 is dependent on several
factors that include:
•
The power supply voltages (AVDD, CLKVDD, and DVDD)
•
The full-scale current output IOUTFS
•
The update rate fCLOCK
•
The reconstructed digital input waveform
The power dissipation is directly proportional to the analog supply
current, IAVDD, and the digital supply current, IDVDD. IAVDD is directly
proportional to IOUTFS, as shown in Figure 28, and is insensitive to
fCLOCK. Conversely, IDVDD is dependent on both the digital input
waveform, fCLOCK, and digital supply DVDD. Figure 29 shows
IDVDD as a function of full-scale sine wave output ratios
(fOUT/fCLOCK) for various update rates with DVDD = 3.3 V.
IOUTFS (mA)
35
0
2
30
25
20
15
10
4
6
8
10
12
14
16
18
20
Figure 28. IAVDD vs. IOUTFS
RATIO (fOUT/fCLOCK)
20
0.01
1
0.1
18
16
14
12
10
8
6
4
2
0
165MSPS
125MSPS
65MSPS
210MSPS
Figure 29. IDVDD vs. Ratio @ DVDD = 3.3 V
0
50
250
100
150
200
0
2
4
6
8
12
10
fCLOCK (MSPS)
DIFF
PECL
SE
Figure 30. ICLKVDD vs. fCLOCK and Clock Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com