Electronic Components Datasheet Search
  English  ▼

X  

AD9912 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9912
Description  1 GSPS Direct Digital Synthesizer with 14-Bit DAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9912 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9912 Datasheet HTML 3Page - Analog Devices AD9912 Datasheet HTML 4Page - Analog Devices AD9912 Datasheet HTML 5Page - Analog Devices AD9912 Datasheet HTML 6Page - Analog Devices AD9912 Datasheet HTML 7Page - Analog Devices AD9912 Datasheet HTML 8Page - Analog Devices AD9912 Datasheet HTML 9Page - Analog Devices AD9912 Datasheet HTML 10Page - Analog Devices AD9912 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
AD9912
Rev. F | Page 7 of 40
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CMOS Output Driver
(AVDD3/Pin 37) @ 1.8 V
Frequency Range
0.008
40
MHz
See Figure 28 for maximum toggle rate
Duty Cycle
45
55
65
%
With 20 pF load and up to 40 MHz
Rise Time/Fall Time (20% to 80%)
5
6.8
ns
With 20 pF load
DAC OUTPUT CHARACTERISTICS
DCO Frequency Range (1st Nyquist Zone)
0
450
MHz
DAC lower limit is 0 Hz; however, the minimum slew rate
for FDBK_IN dictates the lower limit if using CMOS or HSTL
outputs
Output Resistance
50
Ω
Single-ended (each pin internally terminated to AVSS)
Output Capacitance
5
pF
Full-Scale Output Current
20
31.7
mA
Range depends on DAC RSET resistor
Gain Error
−10
+10
% FS
Output Offset
0.6
μA
Voltage Compliance Range
AVSS −
0.50
+0.5
AVSS +
0.50
V
Outputs connected to a transformer whose center tap is
grounded
Wideband SFDR
See the Typical Performance Characteristics section
20.1 MHz Output
−79
dBc
0 MHz to 500 MHz
98.6 MHz Output
−67
dBc
0 MHz to 500 MHz
201.1 MHz Output
−61
dBc
0 MHz to 500 MHz
398.7 MHz Output
−59
dBc
0 MHz to 500 MHz
Narrow-Band SFDR
See the Typical Performance Characteristics section
20.1 MHz Output
−95
dBc
±250 kHz
98.6 MHz Output
−96
dBc
±250 kHz
201.1 MHz Output
−91
dBc
±250 kHz
398.7 MHz Output
−86
dBc
±250 kHz
DIGITAL TIMING SPECIFICATIONS
Time Required to Enter Power-Down
15
μs
Time Required to Leave Power-Down
18
μs
Reset Assert to High-Z Time
for S1 to S4 Configuration Pins
60
ns
Time from rising edge of RESET to high-Z on the S1, S2, S3,
S4 configuration pins
SERIAL PORT TIMING SPECIFICATIONS
SCLK Clock Rate (1/tCLK )
25
50
MHz
Refer to Figure 56 for all write-related serial port parameters;
maximum SCLK rate for readback is governed by tDV
SCLK Pulse Width High, tHIGH
8
ns
SCLK Pulse Width Low, tLOW
8
ns
SDO/SDIO to SCLK Setup Time, tDS
1.93
ns
SDO/SDIO to SCLK Hold Time, tDH
1.9
ns
SCLK Falling Edge to Valid Data on
SDIO/SDO, tDV
11
ns
Refer to Figure 54
CSB to SCLK Setup Time, tS
1.34
ns
CSB to SCLK Hold Time, tH
−0.4
ns
CSB Minimum Pulse Width High, tPWH
3
ns
IO_UPDATE Pin Setup Time
(from SCLK Rising Edge of the Final Bit)
tCLK
sec
tCLK = period of SCLK in Hz
IO_UPDATE Pin Hold Time
tCLK
sec
tCLK = period of SCLK in Hz
PROPAGATION DELAY
FDBK_IN to HSTL Output Driver
2.8
ns
FDBK_IN to HSTL Output Driver with 2×
Frequency Multiplier Enabled
7.3
ns
FDBK_IN to CMOS Output Driver
8.0
ns
S-divider bypassed
FDBK_IN Through S-Divider to CMOS
Output Driver
8.6
ns
Frequency Tuning Word Update:
IO_UPDATE Pin Rising Edge to DAC
Output
60/fS
ns
fS = system clock frequency in GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com