Electronic Components Datasheet Search
  English  ▼

X  

ADE7751 Datasheet(PDF) 6 Page - Analog Devices

Part # ADE7751
Description  Energy Metering IC with On-Chip Fault Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7751 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADE7751 Datasheet HTML 2Page - Analog Devices ADE7751 Datasheet HTML 3Page - Analog Devices ADE7751 Datasheet HTML 4Page - Analog Devices ADE7751 Datasheet HTML 5Page - Analog Devices ADE7751 Datasheet HTML 6Page - Analog Devices ADE7751 Datasheet HTML 7Page - Analog Devices ADE7751 Datasheet HTML 8Page - Analog Devices ADE7751 Datasheet HTML 9Page - Analog Devices ADE7751 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
REV. 0
ADE7751
–6–
Pin No.
Mnemonic
Description
13, 14
S1, S0
These logic inputs are used to select one of four possible frequencies for the digital-to-frequency
conversion. This offers the designer greater flexibility when designing the energy meter. See Select-
ing a Frequency for an Energy Meter Application section.
15, 16
G1, G0
These logic inputs are used to select one of four possible gains for the analog inputs V1A and V1B.
The possible gains are 1, 2, 8, and 16. See Analog Inputs section.
17
CLKIN
An external clock can be provided at this logic input. Alternatively, a parallel resonant AT crystal can
be connected across CLKIN and CLKOUT to provide a clock source for the ADE7751. The clock
frequency for specified operation is 3.579545 MHz. Crystal load capacitors of between 22 pF
and 33 pF (ceramic) should be used with the gate oscillator circuit.
18
CLKOUT
A crystal can be connected across this pin and CLKIN as described above to provide a clock source
for the ADE7751. The CLKOUT pin can drive one CMOS load when an external clock is supplied
at CLKIN or by the gate oscillator circuit.
19
FAULT
This logic output will go active high when a fault condition occurs. A fault is defined as a condition
under which the signals on V1A and V1B differ by more than 12.5%. The logic output will be reset
to zero when a fault condition is no longer detected. See Fault Detection section.
20
REVP
This logic output will go logic high when negative power is detected, i.e., when the phase angle
between the voltage and current signals is greater that 90
°. This output is not latched and will be
reset when positive power is once again detected. The output will go high or low at the same time as
a pulse is issued on CF.
21
DGND
This provides the ground reference for the digital circuitry in the ADE7751, i.e., multiplier, filter,
and digital-to-frequency converter. This pin should be tied to the analog ground plane of the PCB.
The digital ground plane is the ground reference for all digital circuitry, e.g., counters (mechanical
and digital), MCUs, and indicator LEDs. For good noise suppression, the analog ground plane
should only be connected to the digital ground plane at one point, e.g., a star ground.
22
CF
Calibration Frequency Logic Output. The CF logic output gives instantaneous real power informa-
tion. This output is intended to be used for calibration purposes. Also see SCF pin description.
23, 24
F2, F1
Low-Frequency Logic Outputs. F1 and F2 supply average real power information. The logic
outputs can be used to directly drive electromechanical counters and 2-phase stepper motors. See
Transfer Function section.
PIN FUNCTION DESCRIPTIONS (continued)
TERMINOLOGY
ADC Offset Error
This refers to the dc offset associated with the analog inputs to
the ADCs. It means that with the analog inputs connected to
AGND the ADCs still see an analog input signal of 1 mV to
10 mV. However, when the HPF is switched on, the offset is
removed from the current channel and the power calculation is
not affected by this offset.
Gain Error
The gain error of the ADE7751 is defined as the difference between
the measured output frequency (minus the offset) and the ideal
output frequency. It is measured with a gain of 1 in Channel
V1A. The difference is expressed as a percentage of the ideal
frequency. The ideal frequency is obtained from the transfer
function—see Transfer Function section.
Gain Error Match
The gain error match is defined as the gain error (minus the
offset) obtained when switching between a gain of 1 and a gain
of 2, 8, or 16. It is expressed as a percentage of the output
frequency obtained under a gain of 1. This gives the gain
error observed when the gain selection is changed from
1 to 2, 8, or 16.
Measurement Error
The error associated with the energy measurement made by the
ADE7751 is defined by the following formula:
Percentage Error =
Energy Registered by the ADE7751 – True Energy
True Energy
× 100%
Phase Error Between Channels
The HPF (high-pass filter) in Channel 1 has a phase lead
response. To offset this phase response and equalize the phase
response between channels, a phase correction network is also
placed in Channel 1. The phase correction network matches the
phase to within
±0.1° over a range of 45 Hz to 65 Hz and ±0.2°
over a range 40 Hz to 1 kHz (see Figures 10 and 11).
Power Supply Rejection
This quantifies the ADE7751 measurement error as a percent-
age of reading when the power supplies are varied.
For the ac PSR measurement, a reading at nominal supplies
(5 V) is taken. A 200 mV rms/100 Hz signal is then introduced
onto the supplies and a second reading is obtained under the
same input signal levels. Any error introduced is expressed as a
percentage of the reading—see Measurement Error definition.
For the dc PSR measurement, a reading at nominal supplies
(5 V) is taken. The supplies are then varied
±5% and a second
reading is obtained with the same input signal levels. Any error
introduced is again expressed as a percentage of the reading.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com