Electronic Components Datasheet Search
  English  ▼

X  

ADG706 Datasheet(PDF) 2 Page - Analog Devices

Part # ADG706
Description  CMOS, 1.8 V to 5.5 V/2.5 V, 2.5 Low-Voltage, 8-/16-Channel Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG706 Datasheet(HTML) 2 Page - Analog Devices

  ADG706 Datasheet HTML 1Page - Analog Devices ADG706 Datasheet HTML 2Page - Analog Devices ADG706 Datasheet HTML 3Page - Analog Devices ADG706 Datasheet HTML 4Page - Analog Devices ADG706 Datasheet HTML 5Page - Analog Devices ADG706 Datasheet HTML 6Page - Analog Devices ADG706 Datasheet HTML 7Page - Analog Devices ADG706 Datasheet HTML 8Page - Analog Devices ADG706 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. A
ADG706/ADG707–SPECIFICATIONS1 (V
DD = 5 V
10%, VSS = 0 V, GND = 0 V, unless otherwise noted.)
–40 C
Parameter
25 C
to +85 C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
ON Resistance (RON)
2.5
Ω typ
VS = 0 V to VDD, IDS = 10 mA;
4.5
5
Ω max
Test Circuit 1
ON Resistance Match Between
0.3
Ω typ
VS = 0 V to VDD, IDS = 10 mA
Channels (
∆R
ON)
0.8
Ω max
ON Resistance Flatness (RFLAT(ON))
0.5
Ω typ
VS = 0 V to VDD, IDS = 10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source OFF Leakage IS (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V;
±0.1
±0.3
nA max
Test Circuit 2
Drain OFF Leakage ID (OFF)
±0.01
nA typ
VD = 4.5 V/1 V, VS = 1 V/4.5 V;
ADG706
±0.4
±1.5
nA max
Test Circuit 3
ADG707
±0.2
±1nA max
Channel ON Leakage ID, IS (ON)
±0.01
nA typ
VD = VS = 1 V, or 4.5 V;
ADG706
±0.4
±1.5
nA max
Test Circuit 4
ADG707
±0.2
±1nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current
IINL or IINH
0.005
µA typ
VIN = VINL or VINH
±0.1
µA max
CIN, Digital Input Capacitance
5
pF typ
DYNAMIC CHARACTERISTICS
2
tTRANSITION
40
ns typ
RL = 300
Ω, C
L = 35 pF, Test Circuit 5;
60
ns max
VS1 = 3 V/0 V, VS16 = 0 V/3 V
Break-Before-Make Time Delay, tD
30
ns typ
RL = 300
Ω, CL = 35 pF;
1
ns min
VS = 3 V, Test Circuit 6
tON (EN)
32
ns typ
RL = 300
Ω, C
L = 35 pF;
50
ns max
VS = 3 V, Test Circuit 7
tOFF (EN)
10
ns typ
RL = 300
Ω, C
L = 35 pF;
14
ns max
VS = 3 V, Test Circuit 7
Charge Injection
±5pC typ
VS = 1 V, RS = 0
Ω, CL = 1 nF;
Test Circuit 8
OFF Isolation
–60
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz;
–80
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 9
Channel-to-Channel Crosstalk
–60
dB typ
RL = 50
Ω, C
L = 5 pF, f = 10 MHz;
–80
dB typ
RL = 50
Ω, CL = 5 pF, f = 1 MHz;
Test Circuit 10
–3 dB Bandwidth
ADG706
25
MHz typ
RL = 50
Ω, CL = 5 pF, Test Circuit 9
ADG707
36
MHz typ
RL = 50
Ω, C
L = 5 pF, Test Circuit 9
CS (OFF)
13
pF typ
f = 1 MHz
CD (OFF)
ADG706
180
pF typ
f = 1 MHz
ADG707
90
pF typ
f = 1 MHz
CD, CS (ON)
ADG706
200
pF typ
f = 1 MHz
ADG707
100
pF typ
f = 1 MHz
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
µA typ
Digital Inputs = 0 V or 5.5 V
1.0
µA max
NOTES
1Temperature range is –40
°C to +85°C.
2Guaranteed by design, not subject to production test.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com