Electronic Components Datasheet Search
  English  ▼

X  

ADP3309 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3309
Description  anyCAP 100 mA Low Dropout Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3309 Datasheet(HTML) 3 Page - Analog Devices

  ADP3309 Datasheet HTML 1Page - Analog Devices ADP3309 Datasheet HTML 2Page - Analog Devices ADP3309 Datasheet HTML 3Page - Analog Devices ADP3309 Datasheet HTML 4Page - Analog Devices ADP3309 Datasheet HTML 5Page - Analog Devices ADP3309 Datasheet HTML 6Page - Analog Devices ADP3309 Datasheet HTML 7Page - Analog Devices ADP3309 Datasheet HTML 8Page - Analog Devices ADP3309 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADP3309
Rev. C | Page 3 of 12
SPECIFICATIONS
@ TA = −20°C to +85°C, VIN = 7 V, CIN = 0.47 μF, COUT = 0.47 μF, unless otherwise noted.1 The following specifications apply to all voltage
options.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Output Voltage Accuracy
VOUT
VIN = VOUTNOM + 0.3 V to 12 V,
−1.2
+1.2
%
IL = 0.1 mA to 100 mA, TA = 25°C
VIN = VOUTNOM + 0.3 V to 12 V,
−2.2
+2.2
%
IL = 0.1 mA to 100 mA
Line Regulation
IN
OUT
ΔV
ΔV
VIN = VOUTNOM + 0.3 V to 12 V,
TA = 25°C
0.02
mV/V
Load Regulation
L
OUT
ΔI
ΔV
IL = 0.1 mA to 100 mA, TA = 25°C
0.06
mV/mA
Ground Current
IGND
IL = 100 mA
0.8
2.0
mA
IL = 0.1 mA
0.19
0.3
mA
Ground Current in Dropout
IGND
VIN = 2.4 V, IL = 0.1 mA
0.9
1.7
mA
Dropout Voltage
VDROP
VOUT = 98% of VOUTNOM
IL = 100 mA
0.12
0.25
V
IL = 10 mA
0.025
0.07
V
IL = 1 mA
0.004
0.015
V
Shutdown Threshold
VTHSD
On
2.0
V
Off
0.3
V
Shutdown Pin Input Current
ISDIN
0 < VSD ≤ 5 V
1
μA
5 < VSD ≤ 12 V @ VIN = 12 V
9
μA
Ground Current in Shutdown Mode
IQ
VSD = 0 V, VIN = 12 V, TA = 25°C
0.005
1
μA
VSD = 0 V, VIN = 12 V, TA = 85°C
0.01
3
μA
Output Current in Shutdown Mode
IOSD
TA = 25°C @ VIN = 12 V
2
μA
TA = 85°C @ VIN = 12 V
4
μA
Error Pin Output Leakage
IEL
VEO = 5 V
13
μA
Error Pin Output Low Voltage
VEOL
ISINK = 400 μA
0.12
0.3
V
Peak Load Current
ILDPK
VIN = VOUTNOM + 1 V, TA = 25°C
150
mA
Output Noise @ 5 V Input
VNOISE
f = 10 Hz to 100 kHz
100
μV rms
1 Ambient temperature of 85°C corresponds to a junction temperature of 125°C under typical full load test conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com