Electronic Components Datasheet Search
  English  ▼

X  

IRLL2705 Datasheet(PDF) 1 Page - International Rectifier

Part # IRLL2705
Description  Surface Mount
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLL2705 Datasheet(HTML) 1 Page - International Rectifier

  IRLL2705 Datasheet HTML 1Page - International Rectifier IRLL2705 Datasheet HTML 2Page - International Rectifier IRLL2705 Datasheet HTML 3Page - International Rectifier IRLL2705 Datasheet HTML 4Page - International Rectifier IRLL2705 Datasheet HTML 5Page - International Rectifier IRLL2705 Datasheet HTML 6Page - International Rectifier IRLL2705 Datasheet HTML 7Page - International Rectifier IRLL2705 Datasheet HTML 8Page - International Rectifier IRLL2705 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRLL2705
HEXFET® Power MOSFET
S
D
G
VDSS = 55V
RDS(on) = 0.04Ω
ID = 3.8A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This benefit,
combined with the fast switching speed and ruggedized
device design that HEXFET Power MOSFETs are well
known for, provides the designer with an extremely efficient
and reliable device for use in a wide variety of applications.
The SOT-223 package is designed for surface-mount
using vapor phase, infra red, or wave soldering techniques.
Its unique package design allows for easy automatic pick-
and-place as with other SOT or SOIC packages but has
the added advantage of improved thermal performance
due to an enlarged tab for heatsinking. Power dissipation
of 1.0W is possible in a typical surface mount application
1/22/99
Description
l Surface Mount
l Dynamic dv/dt Rating
l Logic-Level Gate Drive
l Fast Switching
l Ease of Paralleling
l Advanced Process Technology
l Ultra Low On-Resistance
SO T -2 2 3
* When mounted on FR-4 board using minimum recommended footprint.
** When mounted on 1 inch square copper board, for comparison with other SMD devices.
Parameter
Typ.
Max.
Units
RθJA
Junction-to-Amb. (PCB Mount, steady state)*
93
120
RθJA
Junction-to-Amb. (PCB Mount, steady state)**
48
60
Thermal Resistance
°C/W
Parameter
Max.
Units
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V**
5.2
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V*
3.8
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V*
3.0
IDM
Pulsed Drain Current

30
PD @TA = 25°C
Power Dissipation (PCB Mount)**
2.1
W
PD @TA = 25°C
Power Dissipation (PCB Mount)*
1.0
W
Linear Derating Factor (PCB Mount)*
8.3
mW/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
110
mJ
IAR
Avalanche Current

3.8
A
EAR
Repetitive Avalanche Energy

0.10
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
7.5
V/ns
TJ, TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
www.irf.com
1
PD- 91380B


Similar Part No. - IRLL2705

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLL2705 IRF-IRLL2705 Datasheet
160Kb / 9P
HEXFET Power MOSFET
IRLL2705PBF IRF-IRLL2705PBF Datasheet
220Kb / 9P
HEXFET POWER MOSFET ( VDSS = 55V , RDS(on) = 0.04廓 , ID = 3.8A )
IRLL2705PBF IRF-IRLL2705PBF Datasheet
231Kb / 9P
DYNAMIC DV/DT RATING
IRLL2705PBF IRF-IRLL2705PBF Datasheet
225Kb / 9P
ADVANCED PROCESS TECHNOLOGY
IRLL2705PBF IRF-IRLL2705PBF_15 Datasheet
225Kb / 9P
ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - IRLL2705

ManufacturerPart #DatasheetDescription
logo
Littelfuse
455 LITTELFUSE-455 Datasheet
61Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
464 LITTELFUSE-464 Datasheet
56Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
Surface Mount Fuses - Subminiature Surface Mount
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com