Electronic Components Datasheet Search
  English  ▼

X  

145D Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 145D
Description  LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

145D Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  145D Datasheet HTML 1Page - Hammond Manufacturing Ltd. 145D Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
74
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
P.C. Board & Chassis Mount (140-141 Series)
LOW PROFILE - P.C. BOARD MOUNT
AUDIO TRANSFORMERS
Pin type (0.25" length & 0.035" diameter), P.C. board mount
•
Low profile, open type construction
•
Frequency response 200 Hz. - 15 Khz. (+/- 2 db, ref. @ 1 Khz.)
•
Net weight 0.6 oz.
•
CHASSIS MOUNT - SHIELDED
AUDIO TRANSFORMERS
Insulated leads 5" long minimum
•
Stamped steel case (Diameter of 1.25" and height of 1") for excellent
•
shielding - low hum pick-up.
Frequency response 70 Hz. - 11 Khz. (+/- 1 db, ref. @ 1 Khz.)
•
Case hole mounting centers are 1.6"
•
Net weight 2 oz.
•
Part
No.
Nominal Impedance
Max. Pri.
D.C. ma
D.C. Resistance
Output
Milliwatts
Primary
Secondary
Primary
Secondary
141B
200K
1000
0
3775
85
4
141D
3000 C.T.
1000 C.T.
1
120
51
150
141F
25K
50
2
1645
65
100
141H
600 C.T.
600 C.T.
2
32
45
150
141M
30K
1200 C.T.
2
1100
47
100
141P
1200 C.T.
8
2
50
0.45
150
Part
No.
Application
Nominal Impedance
Overall Turns Ratio
Primary
Secondary
Pri. to Sec.
140A Voice Coil to Single Grid
4
60000
1:122
140B Dyn. MIC. to Single Grid
30
60000
1:45
140C MIC. to Single Grid
50
60000
1:34.5
140H Bridging Line to P.P. Grids
10000
40000 C.T.
1:2
140K MIC. to Single Grid
150
60000
1:2
140M CRYS, MIC. to Base
100K
1500
8:1
140N Dyn. MIC to Base
50
1500
1:5.5
140P Line to Base
150/600
600/2400
1:2
140Q Line to Line
600 C.T.
600 C.T.
1:1
3
1
4
6
PRI
SEC
5
2


Similar Part No. - 145D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
PRODUCT/PROCESS CHANGE NOTIFICATION
07-May-2003
logo
Abbatron All Rights Res...
145 ABBATRON-145 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Norgren Ltd
145 0118 NORGREN-145 0118 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
145 0318 NORGREN-145 0318 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
145 0328 NORGREN-145 0328 Datasheet
243Kb / 11P
Pneufit Push-in Tube Fittings Inch 1⁄8" – 1⁄2" O/D tube
01/97
More results

Similar Description - 145D

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF2256AT XFMRS-XF2256AT Datasheet
624Kb / 2P
AUDIO Transformers Digital Audio Transformers
logo
Hammond Manufacturing L...
108L HAMMOND-108L Datasheet
258Kb / 1P
P.C. Board Mount (107-109 Series)
148D HAMMOND-148D Datasheet
395Kb / 2P
P.C. BOARD MOUNT AUDIO TRANSFORMERS
logo
Pulse A Technitrol Comp...
T6003NL PULSE-T6003NL Datasheet
147Kb / 1P
AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
logo
Hammond Manufacturing L...
227T HAMMOND-227T Datasheet
278Kb / 1P
Low Voltage - P.C. Board Mount (226-228 Series)
183F16 HAMMOND-183F16 Datasheet
287Kb / 2P
Low Voltage - P.C. Board Mount (183 Series)
162D12 HAMMOND-162D12 Datasheet
260Kb / 2P
LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
logo
Pulse A Technitrol Comp...
T6027NLT PULSE-T6027NLT Datasheet
68Kb / 1P
AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
T6027NL PULSE-T6027NL Datasheet
147Kb / 1P
AUDIO TRANSFORMERS SURFACE MOUNT PACKAGE
logo
Hammond Manufacturing L...
611 HAMMOND-611 Datasheet
118Kb / 1P
Pulse Open Frame P.C. Board Mount
11/8/2018
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com