Electronic Components Datasheet Search
  English  ▼

X  

145G Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 145G
Description  LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

145G Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  145G Datasheet HTML 1Page - Hammond Manufacturing Ltd. 145G Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
75
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Chassis Mount (143-146 Series)
NOTES:
*1) For output transformers this figure is maximum unbalance.
CHASSIS MOUNT
AUDIO TRANSFORMERS
Economical, open, two hole horizontal bracket mount.
•
Insulated, color coded flexible leads, 4" long minimum (143, 144 & 145 Series)
•
or 3" long minimum (146 Series).
For a similar, P.C. board mount version, refer to our 148 & 149 Series.
•
Frequency response 150 Hz. to 15 Khz. (+/- 1 db, reference 1000 Hz.)
•
When operating at impedances below nominal, power capability and the
•
frequency spectrum are proportionately lower, conversely, at higher impedances
power capability and frequency spectrum will be proportionately higher.
Net weight: 0.5 oz. (143, 144 & 146 Series) & 1.4 oz. (145 Series).
•
Part
No.
Application
Nominal Impedance
Pri.
D.C.
(*1) ma
D.C. Resistance +/- 15% Output
mW
Sch.
Primary Secondary
Primary
Secondary
143B
Input
3.2
4000
0
0.4
245
15
1
143D
Input
200K
1000
0
4500
30
25
1
143H
Driver
1500
500 C.T.
4
111
24
30
2
143J
Driver
3000
1000 C.T.
2.6
265
53
30
2
143L
Driver
10000
200 C.T.
1.5
720
9
30
2
143N
Driver
10000
2000 C.T.
1.5
720
89
30
2
143R
Driver
25000
600 C.T.
1
1890
25
30
2
144B
Output
200 C.T.
3.2
10
10
0.33
150
3
144D
Output
300 C.T.
3.2
9
15
0.33
150
3
144F
Output
500 C.T.
3.2
6
27
0.33
150
3
144G
Output
500 C.T.
8
6
27
0.9
150
3
144H
Output
500 C.T.
50
6
28
7.3
150
3
144I
Output
600 C.T.
150 C.T.
6
45
8.2
150
4
144P
Output
10000
3.2
5
575
0.5
50
1
144Q
Output
10000
8
5
575
0.9
50
1
144S
Output
20000
8
3.5
1240
0.9
50
1
145A
Driver
100
200 C.T.
45
14
19
100
2
145B Driver-Output
600
600
18
30
38
200
1
145C
Input
50000
1500 C.T.
1
2400
52
50
2
145D
Input
200K
1000
0.5
3600
33
10
1
145E Input-Output 600 C.T.
600 C.T.
5
65
83
200
4
145F
Driver
600 C.T.
200 C.T.
20
45
9
135
4
145G
Driver
2000
200 C.T.
12
140
9
135
2
145H
Driver
2000
500 C.T.
12
148
17
135
2
145J
Driver
4000
600 C.T.
8
340
24
135
2
145L
Driver
4000
2600 C.T.
8
340
100
135
2
145N
Driver
10000
2000 C.T.
5
700
89
135
2
145O
Driver
15000
200 C.T.
4
850
10
135
2
145P
Driver
20000
1000 C.T.
3.5
1180
50
135
2
145R
Driver
20000
2000 C.T.
3.5
1180
89
135
2
146B
Output
48 C.T.
3.2
20
2.4
0.3
700
3
146C
Output
48 C.T.
8
20
2.4
0.7
700
3
146D
Output
100 C.T.
3.2
14
4.4
0.3
700
3
146E
Output
100 C.T.
8
14
4.4
0.7
700
3
146F
Output
250 C.T.
3.2
8
11
0.3
700
3
146G
Output
250 C.T.
8
8
11
0.7
700
3
146H
Output
500 C.T.
3.2
6
26
0.3
700
3
146I
Output
500 C.T.
8
6
26
0.7
700
3
146J
Output
1000 C.T.
3.2
4
56
0.3
700
3
146K
Output
1000 C.T.
8
4
56
0.7
700
3
146N
Output
2000 C.T.
8
3
97
0.7
700
3
146S
Output
4000 C.T.
8
2
220
0.7
700
3
Series
No.
Dimensions (Inches)
A
B
C
D
143...
1.35
0.69
0.69
1.06
144...
1.35
0.69
0.69
1.06
145...
1.63
0.88
0.81
1.38
146...
1.63
0.88
0.81
1.38
Red
Blue
Black
Green
PRI
SEC
Schematic 1
Red
Blue
Yellow
Green
PRI
SEC
Black
Brown
Blue
Black
Green
PRI
SEC
Red
Brown
Blue
Yellow
Green
PRI
SEC
Black
Red
Schematic 4
Schematic 2
Schematic 3



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com