| Electronic Components Datasheet Search |
|
FG896 Datasheet(PDF) 97 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
FG896 Datasheet(HTML) 97 Page - Microsemi Corporation |
|
97 / 212 page ![]() Military ProASIC3/EL Low Power Flash FPGAs Revision 3 2-83 SSTL2 Class I Stub-Speed Terminated Logic for 2.5 V memory bus standard (JESD8-9). Military ProASIC3E devices support Class I. This provides a differential amplifier input buffer and a push-pull output buffer. Timing Characteristics Table 2-143 • Minimum and Maximum DC Input and Output Levels SSTL2 Class I VIL VIH VOL VOH IOL IOH IOSL IOSH IIL1 IIH2 Drive Strength Min. V Max. V Min. V Max. V Max. V Min. VmA mA Max. mA3 Max. mA3 µA4 µA4 15 mA –0.3 VREF – 0.2 VREF + 0.2 3.6 0.54 VCCI – 0.62 15 15 83 87 15 15 Notes: 1. IIL is the input leakage current per I/O pin over recommended operating conditions where –0.3 V < VIN < VIL. 2. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is larger when operating outside recommended ranges. 3. Currents are measured at 100°C junction temperature and maximum voltage. 4. Currents are measured at 125°C junction temperature. Figure 2-22 • AC Loading Table 2-144 • AC Waveforms, Measuring Points, and Capacitive Loads Input Low (V) Input High (V) Measuring Point* (V) VREF (typ.) (V) VTT (typ.) (V) CLOAD (pF) VREF – 0.2 VREF + 0.2 1.25 1.25 1.25 30 Note: *Measuring point = Vtrip. See Table 2-28 on page 2-27 for a complete table of trip points. Test Point 30 pF 50 25 SSTL2 Class I VTT Table 2-145 • SSTL2 Class I Military-Case Conditions: TJ = 125°C, Worst-Case VCC = 1.14 V, Worst-Case VCCI = 2.3 V, VREF = 1.25 V Applicable to Pro I/Os for A3PE600L and A3PE3000L Only Speed Grade tDOUT tDP tDIN tPY tEOUT tZL tZH tLZ tHZ tZLS tZHS Units Std. 0.80 2.11 0.05 2.09 0.52 2.14 1.83 – – 2.14 1.83 ns –1 0.68 1.80 0.05 1.78 0.44 1.82 1.55 – – 1.82 1.55 ns Note: For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values. Table 2-146 • SSTL2 Class I Military-Case Conditions: TJ = 125°C, VCC = 1.425 V, Worst-Case VCCI = 2.3 V, VREF = 1.25 V Applicable to Pro I/Os for A3PE600L and A3PE3000L Only Speed Grade tDOUT tDP tDIN tPY tEOUT tZL tZH tLZ tHZ tZLS tZHS Units Std. 0.61 1.98 0.04 1.85 0.40 1.99 1.71 – – 1.99 1.71 ns –1 0.52 1.68 0.03 1.58 0.34 1.69 1.46 – – 1.69 1.46 ns Note: For specific junction temperature and voltage supply levels, refer to Table 2-5 on page 2-8 for derating values. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |