Electronic Components Datasheet Search
  English  ▼

X  

290KX Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 290KX
Description  TUBE GUITAR AMPLIFIER - OUTPUT TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

290KX Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  290KX Datasheet HTML 1Page - Hammond Manufacturing Ltd. 290KX Datasheet HTML 2Page - Hammond Manufacturing Ltd. 290KX Datasheet HTML 3Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
97
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Replacement - Tube Guitar Power (290 Series)
TUBE GUITAR AMPLIFIER - POWER
TRANSFORMERS
Designed for drop in replacement of original tube guitar amplifier power supply transformers.
•
Physically, parts were designed to look similar to original factory units (where possible).
•
For individual photos of each part - visit our website: www.hammondmfg.com
•
Part No.
Primary
Amplifier
Manufacturer
Amplifier
Model Names
Equivalent To
Mfg'ers Part
Number
290AX
290AEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Champ, Vibro Champ, Princeton,
Princeton Reverb, Tweed Deluxe
125P1B & 022772
290BX
290BEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Deluxe, Deluxe Reverb
125P23D & 041316
290CX
290CEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Vibrolux, Vibrolux Reverb, Tremolux
125P26A & 022723
290DX
290DEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Super Reverb, Pro Reverb, Bandmaster
Reverb, Tweed Bassman
125P5D & 022798
290EX
290EEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Bassman, Concert, Pro
125P7D & 022814
290FX
290FEX
120VAC 60 Hz.
240VAC 50 Hz.
Fender
Twin Reverb, Dual Showman,
Bassman 100
125P34A & 022756
290GX
120/220/240VAC 50/60 Hz.
Marshall
JCM 800, JMP - 50 Watt
-
290HX
120/220/240VAC 50/60 Hz.
Marshall
JCM 800, JMP - 100 Watt
-
290KX
120/240VAC 50/60 Hz.
Marshall
JCM 900 - 50 Watt
290JX
120/240VAC 50/60 Hz.
Marshall
JCM 900 - 100 Watt
-
290LX
120/240VAC 50/60 Hz.
Marshall
JTM 45
-
290PX
120/240VAC 50/60 Hz.
VOX
AC15
-
290NX
100/120/220/230/240VAC 50/60 Hz.
VOX
AC30 Vintage
-
290MX
120/240VAC 50/60 Hz.
VOX
AC30 Reissue
-
DISCLAIMER: Hammond Mfg. is not affiliated with Fender Musical Instruments Corp., Marshall Amplification, Yorkville/Traynor or VOX Amplification companies. Amplifier
model names Bandmaster Reverb, Bassman, Bassman 100, Champ, Vibro Champ, Concert, Deluxe, Deluxe Reverb, Dual Showman, Princeton, Princeton Reverb, Pro,
Pro Reverb, Super Reverb, Tremolux, Tweed Bassman, Tweed Deluxe, Twin Reverb, Vibrolux & Vibrolux Reverb are all trademarks of Fender Musical Instruments Corp.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com